Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14ADGVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14ADGVR
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14ADGVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC14ADGVR Datasheet HTML 8Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 9Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 10Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 11Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 12Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 13Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 14Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 15Page - Texas Instruments SN74LVC14ADGVR Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MECHANICAL DATA
MSOP002 – OCTOBER 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NS (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040062 / B 02/95
14 PINS SHOWN
2,00 MAX
A
0,05 MIN
Seating Plane
1,05
0,55
1
14
PINS **
5,60
5,00
7
8,20
7,40
8
A MIN
A MAX
DIM
Gage Plane
0,15 NOM
0,25
9,90
9,90
10,50
14
10,50
16
12,30
14,70
15,30
12,90
20
24
0,10
1,27
0
°–10°
M
0,25
0,35
0,51
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0,15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com