Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232RL Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # FT232RL
Description  Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RL Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button FT232RL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232RL Datasheet HTML 19Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
FT232R USB UART I.C. Datasheet Version 1.04
© Future Technology Devices International Ltd. 2005
Page 15
5.5 Solder Reflow Profile
Critical Zone: when
T is in the range
T to T
Time, t (seconds)
25
P
T = 25º C to T
tp
Tp
TL
t
Preheat
S
tL
Ramp Up
L
p
Ramp
Down
T Max
S
T Min
S
Figure 10 - FT232R Solder Reflow Profile
The recommended values for the solder reflow profile are detailed in Table 4. Values are shown for both a completely
Pb free solder process (i.e. the FT232R is used with Pb free solder), and for a non-Pb free solder process (i.e. the
FT232R is used with non-Pb free solder).
Table 4 - Reflow Profile Parameter Values
Profile Feature
Pb Free Solder Process
Non-Pb Free Solder Process
Average Ramp Up Rate (T
s to Tp)
3°C / second Max.
3°C / Second Max.
Preheat
- Temperature Min (T
S Min.)
- Temperature Max (T
S Max.)
- Time (t
S Min to tS Max)
150°C
200°C
60 to 120 seconds
100°C
150°C
60 to 120 seconds
Time Maintained Above Critical Temperature T
L:
- Temperature (T
L)
- Time (t
L)
217°C
60 to 150 seconds
183°C
60 to 150 seconds
Peak Temperature (T
P)
260°C
240°C
Time within 5°C of actual Peak Temperature (t
P)
20 to 40 seconds
20 to 40 seconds
Ramp Down Rate
6°C / second Max.
6°C / second Max.
Time for T= 25°C to Peak Temperature, T
p
8 minutes Max.
6 minutes Max.
The FT232R is supplied in Pb free 28 LD SSOP and QFN-32 packages. The recommended solder reflow profile for
both package options is shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com