Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS2050H Datasheet(PDF) 14 Page - STMicroelectronics

Part # IPS2050H
Description  High efficiency, high-side switch with extended diagnostics and smart driving for capacitive loads
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS2050H Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IPS2050H Datasheet HTML 10Page - STMicroelectronics IPS2050H Datasheet HTML 11Page - STMicroelectronics IPS2050H Datasheet HTML 12Page - STMicroelectronics IPS2050H Datasheet HTML 13Page - STMicroelectronics IPS2050H Datasheet HTML 14Page - STMicroelectronics IPS2050H Datasheet HTML 15Page - STMicroelectronics IPS2050H Datasheet HTML 16Page - STMicroelectronics IPS2050H Datasheet HTML 17Page - STMicroelectronics IPS2050H Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Figure 9. Thermal protection plot, TC > TCSD
t
t
t
I
OUTX
t
t
TCASE
TCSD
TCR
TJX
TJ
D
S
T
R
J
t
T
t
I
TJ
J
S
Y
D
OUTY
I
LIM
V
FAULT
VINX
VINY
7.3
Overload
The IC integrates two independent overload protection circuits (one for each output channel) consisting of an
output current sensing section and an output current limitation section.
When the output channel is ON, the sensing circuitry monitors the current supplied to the load: if the activation
threshold (IPK-X) is triggered, then the current limitation control circuitry is activated to limit output current to the
current limitation level (ILIM-X) and FLTX pin is activated until the overload condition is removed.
The IC allows the user to set both single and dual activation thresholds for each channel. See the following
sections for details and Table 9 / Table 10 for specific activation thresholds and limitation levels.
Note that while an output channel operates below its activation threshold, the power dissipation can be calculated
by RON * IOUT2, but when the current limitation circuit is activated, power dissipation increases and can be
calculated by VDS * ILIM-X, where VDS is the voltage drop between OUTX and VCC pins of the IC. In order to
protect the IC against thermal stress, the overtemperature protection is always active and retains the highest
priority.
7.3.1
Overload protection with dual threshold
This case is activated when the pin IPDX is connected to GND by a capacitor (CPD) and the IC works with two
activation thresholds IPKH-X and IPKL-X.
The IPKH-X is active only in the limited time frame between the L-H transition of the INX signal and the DPKX delay
defined by the following design rule:
DPKX µs = 215×CPD nF
The above design rule is valid in the range 470 pF ≤ CPD ≤ 470 nF (see Table 9 / Table 10).
If the IPKH-X is triggered within the DPKX time frame, then the output current is limited to ILIMH-X.
After DPKX has elapsed, the IC operates with IPKL-X activation threshold and ILIML-X limitation level, respectively.
IPS2050H, IPS2050H-32, IPS2050HQ, IPS2050HQ-32
Overload
DS13779 - Rev 3
page 14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com