Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 120 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 120 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 116Page - STMicroelectronics L9945TR Datasheet HTML 117Page - STMicroelectronics L9945TR Datasheet HTML 118Page - STMicroelectronics L9945TR Datasheet HTML 119Page - STMicroelectronics L9945TR Datasheet HTML 120Page - STMicroelectronics L9945TR Datasheet HTML 121Page - STMicroelectronics L9945TR Datasheet HTML 122Page - STMicroelectronics L9945TR Datasheet HTML 123Page - STMicroelectronics L9945TR Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 151 page
background image
Figure 25. BIST & HWSC sequence
GADG2011171331PS
POR
•HWSC_DONE = 0
•HWSC_DIS = 1
•BIST_DONE = 0
•BIST_DIS = 1
BIST
•HWSC_DONE = 0
•HWSC_DIS = 1
•BIST_DONE = 0
•BIST_DIS = 1
HWSC
•HWSC_DONE = 0
•HWSC_DIS = 1
•BIST_DONE = 1
•BIST_DIS = X
END
•HWSC_DONE = 1
•HWSC_DIS = X
•BIST_DONE = 1
•BIST_DIS = X
BIST_RQ = 01
N_POR 1  0
NRES 1  0
Table 32. HWSC timing characteristics
Symbol
Parameter
Min.
Max.
Unit
tHWSC_DUR
HWSC duration time
100
160
µs
6.1.4
VPS undervoltage
In case VPS is lower than VVPS_UV for tVPS_react + tLBD_FIL, a battery undervoltage is detected, all outputs are
actively turned off and the VPS_LATCH is set high (cleared on SPI readout). The undervoltage comparator output
can be monitored by reading VPS_STATE bit via SPI. Outputs are re-engaged when undervoltage condition
disappears.
Table 33. VPS UV detection electrical characteristics
Symbol
Parameter
Min.
Max.
Unit
VVPS_UV
VPS low battery detection threshold
3.5
3.8
V
tVPS_react
VPS Comparator output reaction time for L->H and H->L transition
100
700
ns
tLBD_FIL
Filter time for VPS low battery detection
0.5
5
µs
6.1.5
Charge pump undervoltage
In case VGBHI is lower than VCP_UV for tCP_UV, a charge pump undervoltage is detected, all outputs are actively
turned off and the VCP_UV_LATCH is set high (cleared on SPI readout). The undervoltage comparator output
can be monitored by reading VCP_UV_STATE bit via SPI. Outputs are re-engaged when undervoltage condition
disappears.
L9945
Disable sources
DS12275 - Rev 8
page 120/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com