Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 121 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 121 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 117Page - STMicroelectronics L9945TR Datasheet HTML 118Page - STMicroelectronics L9945TR Datasheet HTML 119Page - STMicroelectronics L9945TR Datasheet HTML 120Page - STMicroelectronics L9945TR Datasheet HTML 121Page - STMicroelectronics L9945TR Datasheet HTML 122Page - STMicroelectronics L9945TR Datasheet HTML 123Page - STMicroelectronics L9945TR Datasheet HTML 124Page - STMicroelectronics L9945TR Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 151 page
background image
Table 34. Charge pump undervoltage detection electrical characteristics
Symbol
Parameter
Test condition
Min.
Max.
Unit
VCP_UV
Under voltage threshold
Referenced to VVPS
VVPS + 3.9
VVPS + 5.1
V
VhCP_UV
Under voltage hysteresis
Referenced to VVPS
250
-
mV
tCP_UV
Digital filter of UV shutdown
-
10
30
µs
6.1.6
SPI enable bit
Each channel can be enabled/disabled independently by programming the en_OUT_xx SPI bit. If such bit is set
low, the corresponding channel is three-stated. By default, all channels are three-stated and must be enabled
setting en_OUT_xx high after having properly configured them in the same SPI register. Output control signal is
ignored as long as en_OUT_xx is low.
6.1.7
Protection disable bit
L9945 offers additional SPI bit for disabling channels via SPI: prot_disable_xx. Although such bit can disable
each channel separately, the main purpose of prot_disable_xx is to allow a fast disabling of all channels through a
single SPI frame. In fact, all prot_disable_xx bit are part of the same SPI command. In case prot_disable_xx is set
high, the corresponding channel is actively turned off. Output control signal is ignored as long as prot_disable_xx
is low.
6.1.8
EN6 input
Channel 6 is designed for being used in safety relevant applications. For such reason, an additional enable input,
EN6, has been provided. If EN6 is set low, channel 6 is actively turned off and the EN6_LATCH is set high
(cleared on SPI readout). Channel 6 control signal is ignored as long as EN6 is low.
6.1.9
NRES assertion
In case of NRES assertion, all outputs are actively turned off and the NRES_LATCH is set (cleared on SPI
readout). Since channel configuration is reset, output re-engagement must be executed manually.
6.1.10
Communication Check (CC)
Communication Check (CC) starts to work as soon as the disable inputs NDIS/DIS are released. With this
condition the CC timer is started. Depending on the status of NDIS/DIS at the release of NRES, two possible
scenarios can occur:
•
NDIS/DIS are released after NRES release, once the external microcontroller power-up routine is
completed. In this case, CC starts with tCC time frame (see Figure 26)
•
NDIS/DIS are released before NRES release. In this case, once NRES is deasserted, CC starts with tCC_INIT
time frame, in order to allow the external microcontroller completing the power-up routine. Then, it switches
to tCC (see Figure 27)
Figure 26. NDIS/DIS release after NRES release: tCC is selected as watchdog starting timer value
typ 66ms
NRES
DIS
NDIS
CC function
CC timing
disabled
enabled
55...80ms
55...80ms
55...80ms
GAPG0102161044CFT
L9945
Disable sources
DS12275 - Rev 8
page 121/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com