Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 127 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 127 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 123Page - STMicroelectronics L9945TR Datasheet HTML 124Page - STMicroelectronics L9945TR Datasheet HTML 125Page - STMicroelectronics L9945TR Datasheet HTML 126Page - STMicroelectronics L9945TR Datasheet HTML 127Page - STMicroelectronics L9945TR Datasheet HTML 128Page - STMicroelectronics L9945TR Datasheet HTML 129Page - STMicroelectronics L9945TR Datasheet HTML 130Page - STMicroelectronics L9945TR Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 151 page
background image
Table 40. OC threshold selection
OC_config_xx[5-0]
LS
HS
Unit
Min.
Max.
Min.
Max.
0
53
67
53
69
mV
1
68
82
68
85
mV
2
83
97
83
101
mV
3
97
113
99
117
mV
4
113
128
113
133
mV
5
128
143
129
150
mV
6
142
158
144
166
mV
7
157
173
159
182
mV
8
172
188
172
198
mV
9
186
204
189
214
mV
10
201
220
204
231
mV
11
216
235
219
247
mV
12
231
250
234
263
mV
13
246
266
248
279
mV
14
261
281
264
295
mV
15
275
296
278
311
mV
16
290
311
290
326
mV
17
305
327
305
341
mV
18
320
343
320
356
mV
19
334
358
338
375
mV
20
349
374
351
391
mV
21
364
389
367
407
mV
22
379
405
382
423
mV
23
393
420
397
439
mV
24
408
436
412
455
mV
25
423
451
427
471
mV
26
438
467
442
488
mV
27
453
482
456
504
mV
28
467
498
472
520
mV
29
482
513
486
536
mV
30
497
529
501
552
mV
31
512
544
515
568
mV
32
526
559
525
579
mV
33
541
575
545
595
mV
34
556
590
560
612
mV
35
570
606
575
628
mV
36
585
621
590
644
mV
37
600
637
604
660
mV
L9945
ON state diagnostics
DS12275 - Rev 8
page 127/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com