Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 130 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 126Page - STMicroelectronics L9945TR Datasheet HTML 127Page - STMicroelectronics L9945TR Datasheet HTML 128Page - STMicroelectronics L9945TR Datasheet HTML 129Page - STMicroelectronics L9945TR Datasheet HTML 130Page - STMicroelectronics L9945TR Datasheet HTML 131Page - STMicroelectronics L9945TR Datasheet HTML 132Page - STMicroelectronics L9945TR Datasheet HTML 133Page - STMicroelectronics L9945TR Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 151 page
background image
Figure 32. TCF vs. Tj
GADG2212171232PS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
Tj [°C]
TCF (Δ = 25°C)
TCF (Δ = 40°C)
TCF (Δ = 60°C)
Note:
This feature is recommended only in case of DSM, because the compensation algorithm is based on RDSon
variations. The external FET must have a characteristic RDSon vs. TjFET that matches the 0.38 %/°C slope. In
case of shunt measurement, the algorithm may show performances worse than the uncompensated strategy.
6.3.7
Battery compensation for OC threshold
L9945 offers the possibility to compensate the OC threshold against battery variations. This feature can be
enabled when driving a resistive output load RL, and helps preventing the load resistance from dropping below a
minimum threshold RLmin. Given Eq. (3), the IOC can be evaluated as the current flowing when the battery is at its
maximum operating value (18 V for passenger vehicles or 36 V for commercial vehicles) and the load resistance
assumes its minimum allowed value RLmin:
Eq. (6): Overcurrent detection in case of resistive load
IOC≅VBATTmax
RLmin VOC=ROC×VBATTmax
RLmin
(6)
Eq. (6) assumes that RL >> ROC. The sensing resistance ROC can be either the shunt resistor or the RDSon.
Referring to Figure 34 and Figure 35, the device measures:
Eq. (7): Overcurrent sensing in case of resistive load
VSENSE=ROC×ILOAD=ROC×VBATTRL
(7)
The device is able to monitor the battery voltage on the VPS pin through the on board VPS ADC. This information
can be used to compensate the VOC with respect to VBATT variations. Therefore, the OC detection occurs only
when VSENSE = VOC due to a RL variation.
The internal algorithm compensates the OC threshold based on a multiplicative factor:
Eq. (8): Battery Compensation Factor (BCF)
VOCcomp=BCF×VOC
(8)
The battery compensation feature can be activated independently on each channel by programming the
OC_Batt_comp_xx bit. Two different BCF have been implemented for Passenger Vehicle (PV) and Commercial
Vehicle (CV) applications. The BCF can be selected by programming the Batt_fact_config bit (refer to
Figure 33).
L9945
ON state diagnostics
DS12275 - Rev 8
page 130/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com