Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9945TR Datasheet(PDF) 133 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 133 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 129Page - STMicroelectronics L9945TR Datasheet HTML 130Page - STMicroelectronics L9945TR Datasheet HTML 131Page - STMicroelectronics L9945TR Datasheet HTML 132Page - STMicroelectronics L9945TR Datasheet HTML 133Page - STMicroelectronics L9945TR Datasheet HTML 134Page - STMicroelectronics L9945TR Datasheet HTML 135Page - STMicroelectronics L9945TR Datasheet HTML 136Page - STMicroelectronics L9945TR Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 151 page
background image
Figure 35. OC detection through DSM or Shunt Measurement in High Side configuration with PMOS
BATT34
HS PMOS
GNSP3
VBATT
SNGP3
DRN3
RG
RPU
TjFET
RSH
PGND34
VOC
OC
VPS
ADC
BCF
1
1
0
OC_Batt_comp_xx
Batt_fact
_config
1
0
OC_DS_Shunt_xx
Tj ADC
TCF
0
1
OC_Tem
p_comp
1
00
Others
OC_config_xx
VSENSE
L9945
BOARD
DAC
ΔT = TjFET - Tj
CM
RM
GADG1003171245PS
Note:
VOC compensation against temperature and battery variations is shown in Figure 35.
6.4
OFF state diagnostics
The following diagnostic codes can be set during the output OFF state:
•
The diagnostic code corresponding to normal operation while in OFF state is "No OL/STG/STB failure"
(110);
•
The "No failure" (100) code will be reported only once, after an ON->OFF transition, assuming that "No OC
failure" latch was set while in ON state;
•
The "OL failure" (011) or "STG/STB failure" (010) codes will be reported respectively in case of open load
and short to ground/battery failures.
Short To Battery (STB), Open Load (OL) and Short To Ground (STG) are part of the OFF state diagnostics. L9945
measures the voltage on the output node Vout to determine if the output is shorted to battery/ground (respectively
for HS/LS configurations) or if the output node is floating (open load). Depending on channel configuration,
different faults can be detected:
•
LS diagnostics
–
Vout < VLVT indicates a STG (see Figure 36)
–
VLVT < Vout < VOL indicates an OL
–
Vout > VOL is a normal condition for LS configuration
L9945
OFF state diagnostics
DS12275 - Rev 8
page 133/151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com