Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STELPD01APUR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STELPD01APUR
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01APUR Datasheet(HTML) 3 Page - STMicroelectronics

  STELPD01APUR Datasheet HTML 1Page - STMicroelectronics STELPD01APUR Datasheet HTML 2Page - STMicroelectronics STELPD01APUR Datasheet HTML 3Page - STMicroelectronics STELPD01APUR Datasheet HTML 4Page - STMicroelectronics STELPD01APUR Datasheet HTML 5Page - STMicroelectronics STELPD01APUR Datasheet HTML 6Page - STMicroelectronics STELPD01APUR Datasheet HTML 7Page - STMicroelectronics STELPD01APUR Datasheet HTML 8Page - STMicroelectronics STELPD01APUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
2
Pin configuration
Figure 2. Pin connection (top view)
VG
NC
VIN
GND
dV/dt
EN/Fault
1
3
2
4
5
VIN
VOUT
VOUT
6
7
8
9
10
ILIM
Exp
Table 1. Pin description
Pin n°
Symbol
Function
1-2
VIN
Positive input voltage.
3-4
VOUT
Connected to the source of the internal power MOSFET.
5
NC
Not connected.
6
GND
Ground.
7
dV/dt
Soft-start adjustment pin. The internal dV/dt circuit controls the slew rate of the output
voltage at turn-on. The internal capacitor allows a fixed ramp-up time but an external
capacitor can be added to this pin to increase the ramp time. If an additional capacitor is
not required, this pin should be left open.
8
EN/Fault
The EN/Fault pin is a tri-state, bi-directional interface.
During normal operation the pin can be left floating, it is internally pulled up to 5 V. It can
be used to disable the output of the device by pulling it to ground using an open drain or
open collector device.
See Section 6.1 , Section 6.5 , Section 6.6 and Section 6.7 for other specific
functions of this pin according to the device versions.
9
ILIM (1)
An RLIM resistor between this pin and the VOUT pin sets the overload current limit
threshold.
10
VG
External gate driver pin. An external power MOSFET can be connected to implement the
reverse current protection.
Exp
The device’s package uses the center pad as a thermal conduit. This pad should be
connected to an adequate spread of copper. GND connection is suggested.
1. Important: missing or shorted RLIM causes current limit circuit malfunction and may lead to device damage.
STELPD01
Pin configuration
DS13254 - Rev 1
page 3/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com