Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK184N4F7AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STK184N4F7AG
Description  Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK184N4F7AG Datasheet(HTML) 3 Page - STMicroelectronics

  STK184N4F7AG Datasheet HTML 1Page - STMicroelectronics STK184N4F7AG Datasheet HTML 2Page - STMicroelectronics STK184N4F7AG Datasheet HTML 3Page - STMicroelectronics STK184N4F7AG Datasheet HTML 4Page - STMicroelectronics STK184N4F7AG Datasheet HTML 5Page - STMicroelectronics STK184N4F7AG Datasheet HTML 6Page - STMicroelectronics STK184N4F7AG Datasheet HTML 7Page - STMicroelectronics STK184N4F7AG Datasheet HTML 8Page - STMicroelectronics STK184N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 3. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
40
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 40 V
1
µA
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2
4
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 50 A
1.6
2.0
mΩ
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS= 0 V
-
2750
-
pF
Coss
Output capacitance
-
625
-
pF
Crss
Reverse transfer capacitance
-
200
-
pF
Qg
Total gate charge
VDD = 20 V, ID = 100 A,
VGS = 0 to 10 V
(see Figure 13. Test circuit for gate
charge behavior)
-
35
-
nC
Qgs
Gate-source charge
-
16
-
nC
Qgd
Gate-drain charge
-
8.9
-
nC
Table 5. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 20 V, ID = 50 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 12. Test circuit for
resistive load switching times and
Figure 17. Switching time
waveform)
-
12
-
ns
tr
Rise time
-
20
-
ns
td(off)
Turn-off delay time
-
33.4
-
ns
tf
Fall time
-
20.7
-
ns
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD(1)
Forward on voltage
ISD = 100 A, VGS = 0 V
-
1.1
V
trr
Reverse recovery time
ID = 100 A, di/dt = 100 A/µs
VDD = 20 V
(see Figure 14. Test circuit for
inductive load switching and diode
recovery times)
-
25
ns
Qrr
Reverse recovery charge
-
9.5
nC
IRRM
Reverse recovery current
-
0.8
A
1. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
STK184N4F7AG
Electrical characteristics
DS12627 - Rev 2
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com