Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL64N4F7AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL64N4F7AG
Description  Automotive-grade 40 V, 7.0 m typ., 64 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL64N4F7AG Datasheet(HTML) 4 Page - STMicroelectronics

  STL64N4F7AG Datasheet HTML 1Page - STMicroelectronics STL64N4F7AG Datasheet HTML 2Page - STMicroelectronics STL64N4F7AG Datasheet HTML 3Page - STMicroelectronics STL64N4F7AG Datasheet HTML 4Page - STMicroelectronics STL64N4F7AG Datasheet HTML 5Page - STMicroelectronics STL64N4F7AG Datasheet HTML 6Page - STMicroelectronics STL64N4F7AG Datasheet HTML 7Page - STMicroelectronics STL64N4F7AG Datasheet HTML 8Page - STMicroelectronics STL64N4F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG240520181056SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area
is limited by RDS(on)
Single pulse,
TC = 25 °C,
TJ ≤ 175 °C
Figure 2. Thermal impedance
GADG240520181056ZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
10 -1
K
tp (s)
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
δ = 0.02
δ = 0.01
Single pulse
Figure 3. Output characteristics
GADG220520181214OCH
100
80
60
40
20
0
0
1
2
3
4
5
ID
(A)
VDS (V)
VGS = 5 V
VGS = 6 V
VGS = 7 V
VGS = 8 V
VGS = 9 V
VGS = 10 V
Figure 4. Transfer characteristics
GADG220520181214TCH
100
80
60
40
20
0
3
4
5
6
7
8
ID
(A)
VGS (V)
TJ = -55 °C
TJ = 175 °C
TJ = 25 °C
VDS = 5 V
Figure 5. Gate charge vs gate-source voltage
GADG280520180949QVG
12
10
8
6
4
2
0
0
2
4
6
8
10
VGS
(V)
Qg (nC)
VDS = 20 V
ID = 64 A
Figure 6. Static drain-source on-resistance
GADG240520181056RID
9
8
7
6
5
4
0
10
20
30
40
50
60
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
STL64N4F7AG
Electrical characteristics (curves)
DS12596 - Rev 2
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com