Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW72N60DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW72N60DM6AG
Description  Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW72N60DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STW72N60DM6AG Datasheet HTML 1Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 2Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 3Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 4Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 5Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 6Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 7Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 8Page - STMicroelectronics STW72N60DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-247
1
2
3
D(2, TAB)
G(1)
S(3)
AM01476v1_tab
Features
Order code
VDS
RDS(on) max.
ID
STW72N60DM6AG
600 V
42 mΩ
56 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation,
DM6 combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status links
STW72N60DM6AG
Product summary
Order code
STW72N60DM6AG
Marking
72N60DM6
Package
TO-247
Packing
Tube
Automotive-grade N-channel 600 V, 37 mΩ typ., 56 A, MDmesh DM6
Power MOSFET in a TO
‑247 package
STW72N60DM6AG
Datasheet
DS13001 - Rev 2 - May 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW72N60DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
Extremely high dv/dt ruggedness
09-Dec-2015
More results

Similar Description - STW72N60DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA30N65DM6AG STMICROELECTRONICS-STWA30N65DM6AG Datasheet
474Kb / 12P
Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
21-Jan-2020
STB47N60DM6AG STMICROELECTRONICS-STB47N60DM6AG Datasheet
632Kb / 15P
Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in a D2PAK package
05-Mar-2019
STHU32N65DM6AG STMICROELECTRONICS-STHU32N65DM6AG Datasheet
658Kb / 15P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STW50N65DM6 STMICROELECTRONICS-STW50N65DM6 Datasheet
250Kb / 12P
N-channel 650 V, 74 m typ., 33 A MDmesh DM6 Power MOSFET in a TO-247 package
02-Jul-2020
STWA67N60DM6 STMICROELECTRONICS-STWA67N60DM6 Datasheet
274Kb / 12P
N-channel 600 V, 45 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑247 long leads package
04-Jun-2021
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
STF22N60DM6 STMICROELECTRONICS-STF22N60DM6 Datasheet
266Kb / 12P
N-channel 600 V, 200 m typ., 15 A, MDmesh DM6 Power MOSFET in a TO‑220FP package
15-Sep-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com