Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA38N65DM6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STWA38N65DM6AG
Description  Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA38N65DM6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STWA38N65DM6AG Datasheet HTML 1Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 2Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 3Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 4Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 5Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 6Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 7Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 8Page - STMicroelectronics STWA38N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
TC = 25 °C unless otherwise specified
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = 1 mA
650
V
IDSS
Zero gate voltage drain current
VGS = 0 V, VDS = 650 V
5
μA
VGS = 0 V, VDS = 650 V, TC = 125 °C (1)
200
IGSS
Gate-body leakage current
VDS = 0 V, VGS = ±25 V
±5
μA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
3.25
4
4.75
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 21 A
68
82
mΩ
1. Defined by design, not subject to production test.
Table 5. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz, VGS = 0 V
-
2805
-
pF
Coss
Output capacitance
-
176
-
Crss
Reverse transfer capacitance
-
1.3
-
Coss eq.(1)
Equivalent output capacitance
VDS = 0 to 520 V, VGS = 0 V
-
480
-
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
1.4
-
Ω
Qg
Total gate charge
VDD = 520 V, ID = 42 A, VGS = 0 to 10 V
(see Figure 14. Test circuit for gate
charge behavior)
-
54.4
-
nC
Qgs
Gate-source charge
-
16.8
-
Qgd
Gate-drain charge
-
18.7
-
1. Coss eq is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS increases from 0
to 80% VDSS.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 325 V, ID = 21 A,
RG = 4.7 Ω , VGS = 10 V
(see Figure 13. Test circuit for
resistive load switching times and
Figure 18. Switching time waveform)
-
19
-
ns
tr
Rise time
-
25
-
ns
td(off)
Turn-off delay time
-
54
-
ns
tf
Fall time
-
9
-
ns
STWA38N65DM6AG
Electrical characteristics
DS13783 - Rev 1
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com