Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA46N65DM6AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STWA46N65DM6AG
Description  Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA46N65DM6AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STWA46N65DM6AG Datasheet HTML 2Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 3Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 4Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 5Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 6Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 7Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 8Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 9Page - STMicroelectronics STWA46N65DM6AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 7. Typical drain-source on-resistance
GADG080420211009RID
58
56
54
52
0
10
20
30
40
50
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
Figure 8. Normalized on-resistance vs temperature
GADG080420211010RON
2.5
2.0
1.5
1.0
0.5
0.0
-75
-25
25
75
125
RDS(on)
(norm.)
TJ (°C)
VDS = 10 V
IDS = 25 A
Figure 9. Normalized gate threshold vs temperature
GADG080420211010VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
TJ (°C)
ID = 250 µA
Figure 10. Normalized breakdown voltage vs temperature
GADG080420211011BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 11. Typical reverse diode forward characteristics
GADG080420211014SDF
1.4
1.2
1.0
0.8
0.6
0.4
0
10
20
30
40
50
VSD
(V)
ISD (A)
TJ = 150 °C
TJ = 25 °C
TJ = -50 °C
Figure 12. Typical output capacitance stored energy
GADG080420211015EOS
30
25
20
15
10
5
0
0
100 200 300 400 500 600
EOSS
(µJ)
VDS (V)
STWA46N65DM6AG
Electrical characteristics
(curves)
DS13705 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com