Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7345D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7345D
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7345D Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7345D Datasheet HTML 1Page - Diodes Incorporated AP7345D Datasheet HTML 2Page - Diodes Incorporated AP7345D Datasheet HTML 3Page - Diodes Incorporated AP7345D Datasheet HTML 4Page - Diodes Incorporated AP7345D Datasheet HTML 5Page - Diodes Incorporated AP7345D Datasheet HTML 6Page - Diodes Incorporated AP7345D Datasheet HTML 7Page - Diodes Incorporated AP7345D Datasheet HTML 8Page - Diodes Incorporated AP7345D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP7345D
Document number: DS41528 Rev. 1 - 2
2 of 15
www.diodes.com
December 2018
© Diodes Incorporated
AP7345D
Pin Descriptions
Pin Number
Pin Name
Function
GND
1, 4
Ground
VOUT1
2
Channel 1 Output Voltage pin
VOUT2
3
Channel 2 Output Voltage pin
EN2
5
Chanel 2 Enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 2 output, while pulling it low
puts Chanel 2 regulator into shutdown mode.
VIN2
6
Channel 2 Input Voltage pin
VIN1
7
Channel 1 Input Voltage pin
EN1
8
Chanel 1 Enable pin. This pin should be driven either high or low and must not
be floating. Driving this pin high enables channel 1 output, while pulling it low
puts Chanel 1 regulator into shutdown mode.
—
Thermal PAD
In PCB layout, prefer to use large copper area to cover this pad for better
thermal dissipation, then connect this area to GND or leave it open. However do
not use it as GND electrode function alone.
Functional Block Diagram
Vref
R1_1
Current Limit
Error Amp.
R2_1
VOUT1
GND
VIN1
EN1
Vref
R1_2
Current Limit
Error Amp.
R2_2
VOUT2
EN2
VIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com