Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7384 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP7384
Description  WIDE INPUT VOLTAGE RANGE, 50mA ULDO REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7384 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP7384 Datasheet HTML 3Page - Diodes Incorporated AP7384 Datasheet HTML 4Page - Diodes Incorporated AP7384 Datasheet HTML 5Page - Diodes Incorporated AP7384 Datasheet HTML 6Page - Diodes Incorporated AP7384 Datasheet HTML 7Page - Diodes Incorporated AP7384 Datasheet HTML 8Page - Diodes Incorporated AP7384 Datasheet HTML 9Page - Diodes Incorporated AP7384 Datasheet HTML 10Page - Diodes Incorporated AP7384 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AP7384
Document number: DS40700 Rev. 2 - 2
7 of 12
www.diodes.com
November 2018
© Diodes Incorporated
AP7384
Marking Information (Cont.)
(2)
TO92 (Ammo Packing)
(Top View)
7384-XX
Y WW XX
WW : Week : 01~52; 52
Y : Year : 0~9
XX : Internal Code
represents 52 and 53 week
Part Number
7384-28 : 2.8V
7384-33 : 3.3V
7384-50 : 5.0V
7384-70 : 7.0V
Part Number
Package
Identification Code
AP7384-28V-A
TO92 (Ammo Packing)
7384-28
AP7384-33V-A
TO92 (Ammo Packing)
7384-33
AP7384-50V-A
TO92 (Ammo Packing)
7384-50
AP7384-70V-A
TO92 (Ammo Packing)
7384-70
(3)
SOT23
(Top View)
XXX : Identification Code
W : Week : A to Z : 1 to 26 week;
X : Internal Code
Y : Year 0 to 9
a to z : 27 to 52 week; z represents
52 and 53 week
1
2
3
XXX
Y W X
Part Number
Package
Identification Code
AP7384-28SA-7
SOT23
F4A
AP7384-33SA-7
SOT23
F4B
AP7384-50SA-7
SOT23
F4C
AP7384-70SA-7
SOT23
F4D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com