Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR34330C Datasheet(PDF) 8 Page - Diodes Incorporated

Part # APR34330C
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34330C Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button APR34330C Datasheet HTML 4Page - Diodes Incorporated APR34330C Datasheet HTML 5Page - Diodes Incorporated APR34330C Datasheet HTML 6Page - Diodes Incorporated APR34330C Datasheet HTML 7Page - Diodes Incorporated APR34330C Datasheet HTML 8Page - Diodes Incorporated APR34330C Datasheet HTML 9Page - Diodes Incorporated APR34330C Datasheet HTML 10Page - Diodes Incorporated APR34330C Datasheet HTML 11Page - Diodes Incorporated APR34330C Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
APR34330C
Document number: DS37446 Rev. 5 - 3
8 of 13
www.diodes.com
July 2022
© Diodes Incorporated
APR34330C
Output Voltage Detect Function Description
VDET
VCC V
ON
VTRIGGER
VOFF
tOSC
VOVP
VTRIGGER
IVCC
IDIS
UVLO
VDIS
VDIS
IOVP
tDIS
tDIS
tDIS
tDIS
tDIS
tDIS
tOSC
tOVP_LAST
Figure 1. Typical Waveforms of APR34330C
When VCC is beyond power-on voltage (VON), the APR34330C starts up. The VDET pin asserts a periodical pulse and the oscillation period is tOSC.
When VCC is beyond the trigger voltage (VTRIGGER), the periodical pulse at VDET pin is discontinued. When VCC is beyond the discharge voltage
(VDIS), the discharge circuit will be enabled, and a 3mA current (IDIS) will flow into VCC pin. When VCC is higher than the overshoot voltage (VOVP),
the APR34330C will enable a discharge circuit, the discharge current (IOVP) will last tOVP_LAST time. After the tOVP_LAST time, APR34330C will stop the
discharge current and detect VCC voltage again. If VCC is still higher than VOVP, the tOVP_LAST time discharge current will be enabled again. Once the
OVP discharge current is asserted, the periodical pulse at VDET pin will be disabled.
When the VCC falls below the power-off voltage (VOFF), the APR34330C will shut down.
Operation Description
MOSFET Driver
The operation of the SR is described with timing diagram shown in Figure 2. APR34330C monitors the MOSFET drain-source voltage. When the
drain voltage is lower than the turn-on threshold voltage VTHON, the IC outputs a positive drive voltage after a turn-on delay time (tDON). The
MOSFET will turn on and the current will transfer from the body diode into the MOSFET’s channel.
In the process of drain current decreasing linearly toward zero, the drain-source voltage rises synchronically. When it rises over the turn off
threshold voltage VTHOFF, APR34330C pulls the drive signal down after a turn-off delay (tDOFF).
I,V
t
t
IS
VDET
VDRISR
VTHON
VTHOFF
0.1VDRISR
0.9VDRISR
0.1VDRISR
0.9VDRISR
tRG
tDON
tFG
tDOFF
0
0
Figure 2. Typical Waveforms of APR34330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com