Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT13005D Datasheet(PDF) 3 Page - Diodes Incorporated

Part # APT13005D
Description  450V NPN HIGH VOLTAGE POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APT13005D Datasheet(HTML) 3 Page - Diodes Incorporated

  APT13005D Datasheet HTML 1Page - Diodes Incorporated APT13005D Datasheet HTML 2Page - Diodes Incorporated APT13005D Datasheet HTML 3Page - Diodes Incorporated APT13005D Datasheet HTML 4Page - Diodes Incorporated APT13005D Datasheet HTML 5Page - Diodes Incorporated APT13005D Datasheet HTML 6Page - Diodes Incorporated APT13005D Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APT13005D
Datasheet Number: DS36463 Rev. 3 - 4
3 of 7
www.diodes.com
June 2021
© Diodes Incorporated
APT13005D
Safe Operating Areas (@TA = +25°C, unless otherwise specified.)
ITO220AB Type BR (TO220F)
TO220AB Type C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com