Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2185 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AZ2185
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ2185 Datasheet(HTML) 4 Page - Diodes Incorporated

  AZ2185 Datasheet HTML 1Page - Diodes Incorporated AZ2185 Datasheet HTML 2Page - Diodes Incorporated AZ2185 Datasheet HTML 3Page - Diodes Incorporated AZ2185 Datasheet HTML 4Page - Diodes Incorporated AZ2185 Datasheet HTML 5Page - Diodes Incorporated AZ2185 Datasheet HTML 6Page - Diodes Incorporated AZ2185 Datasheet HTML 7Page - Diodes Incorporated AZ2185 Datasheet HTML 8Page - Diodes Incorporated AZ2185 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AZ2185
Document number: DS39846 Rev. 2 - 2
4 of 9
www.diodes.com
September 2017
© Diodes Incorporated
AZ2185
Electrical Characteristics (Typicals and limits appearing in normal type apply for TJ = +25ºC. Limits appearing in Boldface type
apply over the entire operating junction temperature range -40 to +125ºC.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
IOUT = 10mA, VIN-VOUT = 3V, TJ = +25°C,
10mA
≤ IOUT ≤ 3A,
1.5V
≤ VIN-VOUT ≤ 5V
1.238
1.225
1.250
1.250
1.262
1.275
V
VRLOAD
Load Regulation
10mA
≤ IOUT ≤ 3A, VIN-VOUT = 3V
—
0.1
0.2
0.4
0.5
%/A
VRLINE
Line Regulation
IOUT = 10mA,
2.85V
≤ VIN ≤ 10V
—
0.015
0.035
0.2
0.2
%/V
VDROP
Dropout Voltage
IOUT = 3A,
ΔVREF, ΔVOUT = 1%
—
1.3
1.5
V
ILIMIT (Note 6)
Current Limit
VIN-VOUT = 3V
3.2
4.5
4.95
A
ILOAD
Minimum Load Current
VIN = 10V
—
0.3
1
mA
IADJ
Adjust Pin Current
VIN = 4.25V, IOUT = 10mA
—
6
10
μA
ΔIADJ
Adjust Pin Current Change
10mA
≤ IOUT ≤ 3A, 1.5V ≤ VIN-VOUT ≤ 6V
—
0.3
2
μA
PSRR
Ripple Rejection
fRIPPLE = 120Hz, COUT = 22μF, IOUT = 3A,
VIN-VOUT = 3V
—
50
—
dB
—
Long Term Stability
TA = +125°C, 1000Hrs
—
0.5
—
%
—
Temperature Stability
IOUT = 10mA, VIN-VOUT = 1.5V
—
50
—
PPM%
—
RMS Noise (% of VOUT)
TA = +125°C, 10Hz ≤ f ≤ 10kHz
—
0.003
—
%
—
OTSD
—
—
+150
—
°C
—
OTSD Hysteresis
—
—
+20
—
°C
θJC
Thermal Resistance
(Junction to Case)
—
—
10
—
°C/W
Note 6:
Make the VOUT down to about 98% of the test values, IOUT value is set to ILIMIT at this time.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com