Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4635 Datasheet(PDF) 6 Page - Cirrus Logic

Part # MAX4635
Description  Multiplexing the CS556x/7x/8x Delta-Sigma ADCs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MAX4635 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button MAX4635 Datasheet HTML 2Page - Cirrus Logic MAX4635 Datasheet HTML 3Page - Cirrus Logic MAX4635 Datasheet HTML 4Page - Cirrus Logic MAX4635 Datasheet HTML 5Page - Cirrus Logic MAX4635 Datasheet HTML 6Page - Cirrus Logic MAX4635 Datasheet HTML 7Page - Cirrus Logic MAX4635 Datasheet HTML 8Page - Cirrus Logic MAX4635 Datasheet HTML 9Page - Cirrus Logic MAX4635 Datasheet HTML 10Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
AN314REV1
AN314
5. SELECTING AN AMPLIFIER
If an amplifier is needed to change the full-scale range or to buffer the inputs and it is placed between the MUX and
the ADC, one of the most critical parameters will be settling time. However, as mentioned above, if the amplifier is
placed before the MUX (one on each input of the MUX where needed) this requirement is greatly relaxed. In this-
case, signal-to-noise, distortion, DC offset, and stability over temperature become the primary selection criteria for
most applications. Each application will determine which parameters are most critical so it becomes difficult to spec-
ify an op-amp and circuit configuration that will work in all situations. The CS3003 and CS3004 operational ampli-
fiers will be suitable for many applications due to their excellent DC performance, moderate bandwidth, and low
noise.
6. OPTIMIZED CIRCUITS FOR MULTIPLEXING CS556X/7X/8X ADCs
The following are examples of circuits that optimize the performance of the CS556x/7x/8x family of high-throughput
ADCs for a number of general-purpose applications. Each circuit is followed by a brief circuit description with the
key selection criteria noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com