Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP522304 Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # AP522304
Description  Automotive Broadband FR4 Embedded Cellular Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

AP522304 Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  AP522304 Datasheet HTML 1Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 2Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 3Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 4Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 5Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 6Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 7Page - Kyocera Kinseki Corpotation AP522304 Datasheet HTML 8Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 2022 KYOCERA AVX
tel +(1) 858.550.3820
email: antenna.info@kyocera-avx.com
1 Avx Blvd, Fountain Inn, SC 29644
Automotive AP522304 Broadband FR4 Embedded Cellular Antenna Specifications.
KYOCERA AVX produces a wide variety of standard and custom antennas to meet user needs.
Antenna Radiation Patterns
Typical Performance on 50 x 110 mm PCB
Measured @ 910, 1870 MHz
DATASHEET | Part No. AP522304
TDS-ANT-0096 | Rev 0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com