Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCNL3040 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # VCNL3040
Description  Proximity Sensor With Interrupt, IRED, and I2C Interface
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNL3040 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button VCNL3040 Datasheet HTML 9Page - Vishay Siliconix VCNL3040 Datasheet HTML 10Page - Vishay Siliconix VCNL3040 Datasheet HTML 11Page - Vishay Siliconix VCNL3040 Datasheet HTML 12Page - Vishay Siliconix VCNL3040 Datasheet HTML 13Page - Vishay Siliconix VCNL3040 Datasheet HTML 14Page - Vishay Siliconix VCNL3040 Datasheet HTML 15Page - Vishay Siliconix VCNL3040 Datasheet HTML 16Page - Vishay Siliconix VCNL3040 Datasheet HTML 17Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
VCNL3040
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 23-Sep-2020
13
Document Number: 84917
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT NOTICE AND REFERENCE CIRCUIT in millimeters
Pad and Circuit Layout Reference
Fig. 12 - VCNL3040 PCB Layout Footprint
APPLICATION CIRCUIT BLOCK REFERENCE
Fig. 13 - VCNL3040 Application Circuit
Pad Center to Center
1.4
0.7 x 8
0.35
0.7
INT
INT
SCLK
6
8
1
4
3
1 μF
GND
SDAT
SCLK
SDAT
7
2.2 k
Ω
2.2 k
Ω
V
DD_LED
1 μF
10 k
Ω
Cathode
Anode
5
VCNL3040
V
DD
V
pull_up
Baseband
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com