Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI74FCT240T Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI74FCT240T
Description  Fast CMOS Octal Buffer/Line Drivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT240T Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI74FCT240T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT240T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PS2011B
12/11/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT240T/241T/244T/540T/541T(25ohmSeries)
PI74FCT2240T/2241T/2244T/2541T
OctalBuffer/LineDrivers
PI74FCT240/2240T Switching Characteristics over Operating Range
240T/2240T
240AT/2240AT 240CT/2240CT
240DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
8.0
1.5
4.8
1.5
4.3
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
10.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
9.5
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEX to ON
PI74FCT241/2241T Switching Characteristics over Operating Range
241T/2241T
241AT/2241AT 241CT/2241CT
241DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEA/OEB to ON
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEA/OEB to ON
PI74FCT244/2244T Switching Characteristics over Operating Range
244T/2244T
244AT/2244AT 244CT/2244CT
244DT
Com.
Com.
Com.
Com.
Parameters Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Units
tPLH
Propagation Delay
CL = 50pF
1.5
6.5
1.5
4.8
1.5
4.1
1.5
3.6
ns
tPHL
DN to ON
RL = 500
tPZH
Output Enable Time
1.5
8.0
1.5
6.2
1.5
5.8
1.5
4.8
ns
tPZL
OEX to ON
tPHZ
Output Disable Time(3)
1.5
7.0
1.5
5.6
1.5
5.2
1.5
4.0
ns
tPLZ
OEX to ON
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com