Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS12P4N3 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # WS12P4N3
Description  1-Line High Power TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

WS12P4N3 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  WS12P4N3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd WS12P4N3 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
●
●
●
●
●
Applications
Dimensions DFN2020-3
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
5400
W
ESD per IEC 61000−4−2 (Air)
VESD
±30
Kv
ESD per IEC 61000−4−2 (Contact)
±30
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
1-Line High Power TVS Diode
5400W peak pulse power (8/20
Low leakage: nA level
Low operating voltage: 12V
Ultra low clamping voltage
One power line protects
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 80A (5/50ns)
– IEC61000-4-5 (Lightning) 180A (8/20μs)
RoHS Compliant
●
●
Package: DFN2020-3
Lead Finish: NiPdAu
Case Material: “Green” Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
●
●
1, 2
3
Cell phone handsets and accessories
Personal digital assistants (PDA’s)
Notebooks, desktops, and servers
Portable instrumentation
Cordless phones
Digital cameras
Peripherals
MP3 players
●
●
●
●
●
●
●
www.leiditech.com
1/4
Rev 2.0 :12.01.2019
WS12P4N3


Similar Part No. - WS12P4N3

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
analog or SSI output
WS12-100-10V-L05- ASM-SENSOR-WS12-100-10V-L05- Datasheet
349Kb / 10P
analog or SSI output
WS12-100-10V-L05- ASM-SENSOR-WS12-100-10V-L05- Datasheet
284Kb / 5P
analog output Dust explosion-proof
WS12-100-10V-L10- ASM-SENSOR-WS12-100-10V-L10- Datasheet
349Kb / 10P
analog or SSI output
WS12-100-10V-L10- ASM-SENSOR-WS12-100-10V-L10- Datasheet
284Kb / 5P
analog output Dust explosion-proof
More results

Similar Description - WS12P4N3

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AU0701P4-3 APMICRO-AU0701P4-3 Datasheet
799Kb / 4P
1-Line High Power TVS Diode
AU1201P4-3 APMICRO-AU1201P4-3 Datasheet
783Kb / 4P
1-Line High Power TVS Diode
AU4501P4-3 APMICRO-AU4501P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
AU4521P4-3 APMICRO-AU4521P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
logo
Shanghai Leiditech Elec...
ESD0701P3 LEIDITECH-ESD0701P3 Datasheet
3Mb / 4P
1-Line High Power TVS Diode
SD2401P4-3 LEIDITECH-SD2401P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
SD4501P4-3 LEIDITECH-SD4501P4-3 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
AZ4712-01F LEIDITECH-AZ4712-01F Datasheet
1Mb / 4P
1-Line High Power TVS Diode
Rev 2.0 : 12.01.2019
logo
TECH PUBLIC Electronics...
ESD5641D12 TECHPUBLIC-ESD5641D12 Datasheet
1Mb / 4P
1-Line High Power TVS Diode
TPTVSHC3N12VU TECHPUBLIC-TPTVSHC3N12VU Datasheet
1Mb / 4P
1-Line High Power TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com