Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS1579 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # MS1579
Description  RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS1579 Datasheet(HTML) 1 Page - Advanced Power Technology

  MS1579 Datasheet HTML 1Page - Advanced Power Technology MS1579 Datasheet HTML 2Page - Advanced Power Technology MS1579 Datasheet HTML 3Page - Advanced Power Technology MS1579 Datasheet HTML 4Page - Advanced Power Technology MS1579 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MS1579
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
DESCRIPTION:
DESCRIPTION:
The MS1579 is a gold metallized, epitaxial silicon NPN
transistor designed for Class A, UHF and Band IV, V
television transmitters applications. Diffused emitter
ballast resistors ensure long term reliability under Class
A linear operation.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
Tcase = 25
°°C)
C)
Symbol
Parameter
Value
Unit
V
CBO
Collector-Base Voltage
45
V
V
CEO
Collector-Emitter Voltage
25
V
V
EBO
Emitter-Base Voltage
4.0
V
P
DISS
Power Dissipation
65
W
I
C
Device Current
5.2
A
TJ
Junction Temperature
+200
°°C
T
STG
Storage Temperature
-65 to +150
°°C
Thermal Data
Thermal Data
R
TH(J-C)
Thermal Resistance Junction-case
2.5
°°C/W
Features
Features
• 470 - 860 MHz
• 25 VOLTS
• CLASS A OPERATION
• INTERNAL INPUT MATCHING
• P
OUT = 14 WATTS
• G
P = 8.5 dB MINIMUM
• COMMON EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
TV LINEAR APPLICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1579

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
logo
Microsemi Corporation
MS1578 MICROSEMI-MS1578 Datasheet
411Kb / 5P
RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
More results

Similar Description - MS1579

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
09-Sep-1993
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1277 ADPOW-MS1277 Datasheet
122Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1278 ADPOW-MS1278 Datasheet
136Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1533 ADPOW-MS1533 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com