Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFGY160T65SPD Datasheet(PDF) 2 Page - ON Semiconductor

Part # AFGY160T65SPD
Description  IGBT - Field Stop, Trench, Soft Fast Recovery Diode 650 V, 160 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AFGY160T65SPD Datasheet(HTML) 2 Page - ON Semiconductor

  AFGY160T65SPD Datasheet HTML 1Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 2Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 3Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 4Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 5Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 6Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 7Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 8Page - ON Semiconductor AFGY160T65SPD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FGY160T65SPD−F085
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Ratings
Unit
VCES
Collector to Emitter Voltage
650
V
VGES
Gate to Emitter Voltage
±20
V
Transient Gate to Emitter Voltage
±30
V
IC
Collector Current @ TC = 25°C (Note 1)
240
A
Collector Current @ TC = 100°C
220
A
INominal
Nominal Current
160
A
ICM
Pulsed Collector Current
480
A
IFM
Diode Forward Current @ TC = 25°C (Note 1)
240
A
Diode Forward Current @ TC = 100°C
188
A
PD
Maximum Power Dissipation @ TC = 25°C
882
W
Maximum Power Dissipation @ TC = 100°C
441
W
SCWT
Short Circuit Withstand Time @ TC = 25°C
6
ms
DV/Dt
Voltage Transient Ruggedness (Note 2)
10
V/ns
TJ
Operating Junction Temperature
−55 to +175
°C
Tstg
Storage Temperature Range
−55 to +175
°C
TL
Maximum Lead Temp. for soldering Purposes, 1/8” from case for 5 seconds
300
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Limited to bondwire.
2. VCC = 400 V, VGE = 15 V, ICE = 480 A, Inductive load.
THERMAL CHARACTERISTICS
Symbol
Parameter
Typ.
Max.
Units
RqJC (IGBT)
Thermal Resistance, Junction to Case
−
0.17
°C/W
RqJC (Diode)
Thermal Resistance, Junction to Case
−
0.32
°C/W
RqJA
Thermal Resistance, Junction to Ambient
−
40
°C/W
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Package
Packing Type
Qty per Tube
FGY160T65SPD
FGY160T65SPD−F085
TP−247−3LD
Tube
30 ea
ELECTRICAL CHARACTERISTICS OF THE IGBT (TJ = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
OFF CHARACTERISTICS
BVCES
Collector to Emitter Breakdown Voltage
VGE = 0 V, IC = 1 mA
650
−
−
V
DBVCES/
DTJ
Temperature Coefficient of Breakdown
Voltage
VGE = 0 V, IC = 1 mA
−
0.6
−
V/°C
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0 V
−
−
40
mA
IGES
G−E Leakage Current
VGE = VGES, VCE = 0 V
−
−
±250
nA
ON CHARACTERISTICS
VGE(th)
G−E Threshold Voltage
IC = 160 mA, VCE = VGE
4.3
5.3
6.3
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 160 A, VGE = 15 V
−
1.6
2.05
V
IC = 160 A, VGE = 15 V,
TJ = 175°C
−
2.15
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com