Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP360120W3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ADP360120W3
Description  Automotive-grade ACEPACK DRIVE power module, sixpack topology 1200 V, 2.55 m typ. SiC MOSFET gen.3 based
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADP360120W3 Datasheet(HTML) 2 Page - STMicroelectronics

  ADP360120W3 Datasheet HTML 1Page - STMicroelectronics ADP360120W3 Datasheet HTML 2Page - STMicroelectronics ADP360120W3 Datasheet HTML 3Page - STMicroelectronics ADP360120W3 Datasheet HTML 4Page - STMicroelectronics ADP360120W3 Datasheet HTML 5Page - STMicroelectronics ADP360120W3 Datasheet HTML 6Page - STMicroelectronics ADP360120W3 Datasheet HTML 7Page - STMicroelectronics ADP360120W3 Datasheet HTML 8Page - STMicroelectronics ADP360120W3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings of each switch
Symbol
Parameter
Value
Unit
V(BR)DSS
Drain-source breakdown voltage
1200
V
VGS
Gate-source voltage
-10 to 22
V
Gate-source voltage (recommended operating values)
-5 to 18
ID(1)
Continuous drain current at TF = 75 °C
(refer to TJ max = 175 °C, VGS = 18 V)
379
A
IDM(2)
Repetitive peak drain current
800
A
PTOT
Total power dissipation at TF = 75 °C
(refer to TJ max = 175 °C, VGS = 18 V)
704
W
TJ
Operative junction temperature range under switching conditions
-40 to 175(3)
°C
1. Specified by design, not tested in production.
2. Pulse width limited by maximum junction temperature.
3. Maximum baseplate temperature has to be always limited to 125 °C.
Table 2. Thermal data of each switch
Symbol
Parameter
Min.
Typ.
Max.
Unit
RthJF (1)
Thermal resistance, junction-to-fluid
(flow rate = 10 LPM, TF = 75 °C, single switch)
-
0.129
-
°C/W
1. Simulated value considering 50% water/ 50% ethylene glycol cooling fluid. Refer to TN1412 "ACEPACK DRIVE assembly
instructions" for water jacket design.
ADP360120W3
Electrical ratings
DS13817 - Rev 4
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com