Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSO32 Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM6DSO32
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM6DSO32 Datasheet HTML 17Page - STMicroelectronics LSM6DSO32 Datasheet HTML 18Page - STMicroelectronics LSM6DSO32 Datasheet HTML 19Page - STMicroelectronics LSM6DSO32 Datasheet HTML 20Page - STMicroelectronics LSM6DSO32 Datasheet HTML 21Page - STMicroelectronics LSM6DSO32 Datasheet HTML 22Page - STMicroelectronics LSM6DSO32 Datasheet HTML 23Page - STMicroelectronics LSM6DSO32 Datasheet HTML 24Page - STMicroelectronics LSM6DSO32 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
DocID032891 Rev 1
21/153
LSM6DSO32
Embedded low-power features
153
Figure 1. Generic state machine
Finite State Machine in the LSM6DSO32
The LSM6DSO32 works as a combo accelerometer-gyroscope sensor, generating
acceleration and angular rate output data. It is also possible to connect an external sensor
(magnetometer) by using the Sensor Hub feature (Mode 2). These data can be used as
input of up to 16 programs in the embedded Finite State Machine (Figure 2: State machine
in the LSM6DSO32).
All 16 finite state machines are independent: each one has its dedicated memory area and it
is independently executed. An interrupt is generated when the end state is reached or when
some specific command is performed.
Figure 2. State machine in the LSM6DSO32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com