Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSOX Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM6DSOX
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOX Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM6DSOX Datasheet HTML 26Page - STMicroelectronics LSM6DSOX Datasheet HTML 27Page - STMicroelectronics LSM6DSOX Datasheet HTML 28Page - STMicroelectronics LSM6DSOX Datasheet HTML 29Page - STMicroelectronics LSM6DSOX Datasheet HTML 30Page - STMicroelectronics LSM6DSOX Datasheet HTML 31Page - STMicroelectronics LSM6DSOX Datasheet HTML 32Page - STMicroelectronics LSM6DSOX Datasheet HTML 33Page - STMicroelectronics LSM6DSOX Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 199 page
background image
Figure 19. Accelerometer chain with Mode 4 enabled
Digital
LP Filter
LPF_OIS
FILTER_XL_CONF_OIS[2:0]
ADC
Analog
Anti-aliasing
LP Filter
SPI_Aux /
ODR XL
@6.6 kHz
UI chain
SPI / I2C /
MIPI I3CSM
Note:
Mode 4 is enabled when Mode4_EN = 1 and OIS_EN_SPI2 = 1 in UI_CTRL1_OIS (70h) / SPI2_CTRL1_OIS
(70h).
The configuration of the accelerometer UI chain is not affected by enabling Mode 4.
Accelerometer output values are available in the following registers with ODR at 6.66 kHz:
UI_OUTX_L_A_OIS (50h) and UI_OUTX_H_A_OIS (51h) through UI_OUTZ_L_A_OIS (54h) and
UI_OUTZ_H_A_OIS (55h)
SPI2_OUTX_L_A_OIS (28h) and SPI2_OUTX_H_A_OIS (29h) through SPI2_OUTZ_L_A_OIS (2Ch) and
SPI2_OUTZ_H_A_OIS (2Dh)
Accelerometer full-scale management between the UI chain and OIS chain depends on the setting of the
XL_FS_MODE bit in register CTRL8_XL (17h).
LSM6DSOX
Block diagram of filters
DS12814 - Rev 3
page 30/199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com