Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB15CH60S-XZ Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIB15CH60S-XZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 20 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB15CH60S-XZ Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIB15CH60S-XZ Datasheet HTML 9Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 10Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 11Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 12Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 13Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 14Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 15Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 16Page - STMicroelectronics STGIB15CH60S-XZ Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
In common overcurrent protection designs, the comparator output is usually connected to the SD input and an RC
network is connected to this SD line in order to provide a mono-stable circuit which implements a protection time
that follows the fault condition.
As opposed to common fault detection systems, the device smart shutdown architecture allows the immediate
turn-off of output gates driver in case of fault, by minimizing the propagation delay between the fault detection
event and the actual switching off of the outputs. In fact, the time delay between the fault and the turning off of the
outputs is no longer dependent on the RC value of the external network connected to the pin.
In the smart shutdown circuitry, the fault signal has a preferential path which directly switches off the outputs after
the comparator triggering.
At the same time, the internal logic turns on the open-drain output and holds it on until the SD voltage goes below
the VSSD threshold and the toc time is elapsed.
The driver outputs restart following the input pins as soon as the voltage at the SD pin reaches the higher
threshold of the SD logic input.
The smart shutdown system provides the possibility to increase the time constant of the external RC network (i.e.,
the disable time after the fault event) up to very high values without increasing the delay time of the protection.
STGIB15CH60S-XZ
Smart shutdown function
DS13491 - Rev 2
page 13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com