Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB8CH60S-LZ Datasheet(PDF) 9 Page - STMicroelectronics

Part # STGIB8CH60S-LZ
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB8CH60S-LZ Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIB8CH60S-LZ Datasheet HTML 5Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 6Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 7Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 8Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 9Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 10Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 11Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 12Page - STMicroelectronics STGIB8CH60S-LZ Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Table 9. Temperature sensor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VTSO
Temperature sensor output
voltage
TJ = 25 °C
0.974
1.16
1.345
V
ITSO_SNK
Temperature sensor sink current
capability
0.1
mA
ITSO_SRC
Temperature sensor source
current capability
4
mA
Table 10. Sense comparator (VCC = 15 V, unless otherwise is specified)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ICIN
CIN input bias current
VCIN = 1 V
-0.2
0.2
µA
Vref
Internal reference voltage
460
510
560
mV
VOD
Open-drain low level output
voltage
Iod = 5 mA
500
mV
tCIN_SD
CIN comparator delay to SD
SD pulled to 5 V through RSD = 10 kΩ;
measured applying a voltage step 0-1 V
to pin CIN;
50% CIN to 90% SD
240
320
410
ns
SRSD
SD fall slew rate
SD pulled to 5 V through RSD= 10 kΩ;
CL= 1 nF through SD and ground;
90% SD to 10% SD
25
V/µs
The comparator stays enabled even if VCC is in the UVLO condition but higher than 4 V.
STGIB8CH60S-LZ
Control/protection parts
DS13484 - Rev 2
page 9/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com