Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIB8CH60TS-L Datasheet(PDF) 20 Page - STMicroelectronics

Part # STGIB8CH60TS-L
Description  SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V, short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB8CH60TS-L Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STGIB8CH60TS-L Datasheet HTML 16Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 17Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 18Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 19Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 20Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 21Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 22Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 23Page - STMicroelectronics STGIB8CH60TS-L Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SDIP2B-26L type L1 package information
Figure 18. SDIP2B-26L type L1 package outline
8450802_7_type_L1_IGBT
STGIB8CH60TS-L
Package information
DS11428 - Rev 6
page 20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com