Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3320 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3320
Description  Micropower high precision series voltage reference
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3320 Datasheet(HTML) 3 Page - STMicroelectronics

  TS3320 Datasheet HTML 1Page - STMicroelectronics TS3320 Datasheet HTML 2Page - STMicroelectronics TS3320 Datasheet HTML 3Page - STMicroelectronics TS3320 Datasheet HTML 4Page - STMicroelectronics TS3320 Datasheet HTML 5Page - STMicroelectronics TS3320 Datasheet HTML 6Page - STMicroelectronics TS3320 Datasheet HTML 7Page - STMicroelectronics TS3320 Datasheet HTML 8Page - STMicroelectronics TS3320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Maximum input voltage
-0.3 to 7
V
VOUT
Maximum voltage on the output pin
-0.3 to VIN +0.3
V
IOUT
Output short-circuit current (sinking/sourcing)
Internally limited
mA
Pd
Power dissipation (1)
700
mW
Tstg
Storage temperature
-65 to +150
°C
ESD
Human body model (HBM)
4
kV
Charged device model
1000
V
Tlead
Lead temperature (soldering) 10 s
260
°C
Tj
Max junction temperature
+150
°C
1. Pd has been calculated with Tamb = 25 °C and Tjmax = 150 °C
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 2. Thermal data
Symbol
Parameter
QFN8
SOT23-3L
SOT323-3L
Unit
RthJA
Thermal resistance junction-ambient
159
246
242
°C/W
RthJC
Thermal resistance junction-case
103
171
103
°C/W
Table 3. Recommended operating conditions
Symbol
Parameter
Value
Unit
VIN
Operating input voltage range
1.8 to 5.5
V
IOUT
Maximum operating current
± 5
mA
Toper
Operating free air temperature range
-40 to +125
°C
TS33
Maximum ratings
DS12001 - Rev 5
page 3/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com