Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD6283TX Datasheet(PDF) 37 Page - STMicroelectronics

Part # VD6283TX
Description  Hybrid filter multispectral sensor with light flicker engine
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6283TX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VD6283TX Datasheet HTML 33Page - STMicroelectronics VD6283TX Datasheet HTML 34Page - STMicroelectronics VD6283TX Datasheet HTML 35Page - STMicroelectronics VD6283TX Datasheet HTML 36Page - STMicroelectronics VD6283TX Datasheet HTML 37Page - STMicroelectronics VD6283TX Datasheet HTML 38Page - STMicroelectronics VD6283TX Datasheet HTML 39Page - STMicroelectronics VD6283TX Datasheet HTML 40Page - STMicroelectronics VD6283TX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 59 page
background image
7
ALS and flicker performances
Table 15. ALS operating characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
Exposure time
EXTIME step size
1.52
1.6
1.68
ms
Number of EXTIME steps overall,
1.6 ms to 1.6 s
1
1024
Steps
Inter measurement period
IM step size
20
ms
Number of IM steps overall,
20 ms to 5.12 s
1
256
Steps
ADC count value before
calibration (1)
Minimum reported
irradiance level
24-bit ADC readout
—
256
—
Counts
16-bit ADC readout
(w/o low byte)
—
1
—
EXTIME =
0x001 to 0x047
(1.6 ms to 113.6
ms)
24-bit ADC readout
0
233045
Counts/
steps
16-bit ADC readout
(w/o low byte)
0
910
EXTIME =
0x048 to 0x3FF
(115.2 ms to 1.6 s)
24-bit ADC readout
0
16777215
Counts
16-bit ADC readout
(w/o low byte)
0
65535
Gain scaling (3)
(relative to 1x)
AGAIN = 0.7x
0.7
0.71
0.74
—
AGAIN = 0.8x
0.82
0.83
0.85
AGAIN = 1x
0.99
1.00
1.01
AGAIN = 1.25x
1.25
1.25
1.27
AGAIN = 1.7x
1.66
1.68
1.69
AGAIN = 2.5x
2.49
2.52
2.54
AGAIN = 3.3x
3.31
3.36
3.38
AGAIN = 5x
4.97
5.04
5.08
AGAIN = 7.1x
7
7.17
7.27
AGAIN = 10x
9.73
10.07
10.23
AGAIN = 16x
16.04
16.76
17.18
AGAIN = 25x
23.83
25.1
26.2
AGAIN = 33.3x
31.35
33.3
35.07
AGAIN = 50x
45.67
50.12
54.39
AGAIN = 66.6x
59.2
66.78
73.01
ALS readout RMS noise
16-bit ADC readout
AGAIN = 16x, EXTIME = 24 ms
Clear channel
Tamb = 25 °C, VDD = 1.8 V
Irradiance = 40 µW/cm2
0.25
Counts
Minimum detectable light
level (2)
AGAIN = 66x, EXTIME = 113.6 ms
Clear channel (3)
0.0015
Lux
AGAIN = 66x, EXTIME = 113.6 ms
0.007
VD6283TX
ALS and flicker performances
DS13735 - Rev 1
page 37/59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com