Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB712 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 4Page - STMicroelectronics TSB712 Datasheet HTML 5Page - STMicroelectronics TSB712 Datasheet HTML 6Page - STMicroelectronics TSB712 Datasheet HTML 7Page - STMicroelectronics TSB712 Datasheet HTML 8Page - STMicroelectronics TSB712 Datasheet HTML 9Page - STMicroelectronics TSB712 Datasheet HTML 10Page - STMicroelectronics TSB712 Datasheet HTML 11Page - STMicroelectronics TSB712 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
AVD
Open loop gain
RL ≥ 10 kΩ,
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) -0.5 V,
T = 25 °C
105
120
dB
RL ≥ 10 kΩ,
(VCC-) + 0.5 V ≤ VOUT ≤ (VCC+) -0.5 V,
-40 °C < T < 125 °C
100
CMR
Common-mode
rejection ratio
20 log (∆VINCM/∆VIO )
(VCC-) ≤ VICM ≤ ( VCC+) -1.5 V,
T = 25 °C
95
125
(VCC-) ≤ VICM ≤ (VCC+) - 1.5 V,
-40 °C < T < 125 °C
90
TSB7191A,TSB7192A (VCC-) ≤ VICM
(VCC+),
T = 25 °C
80
105
TSB7191A, TSB7192A (VCC-) ≤ VICM
(VCC+),
-40 °C < T < 125 °C
75
TSB7191, TSB7192 (VCC-) ≤ VICM
(VCC+),
T = 25 °C
75
105
TSB7191, TSB7192 (VCC-) ≤ VICM
(VCC+),
-40 °C < T < 125 °C
70
VOH
High level output
voltage (drop voltage
from VCC+)
No load, -40 °C < T < 125 °C
90
mV
ISOURCE = 2 mA, -40 °C < T < 125 °C
200
VOL
Low level output
voltage
No load, -40 °C < T < 125 °C
90
ISINK = 2 mA, -40 °C < T < 125 °C
200
IOUT
ISINK
VOUT = VCC, T = 25 °C
20
50
mA
VOUT = VCC, -40 °C < T < 125 °C
15
ISOURCE
VOUT = 0 V, T = 25 °C
20
50
VOUT = 0 V, -40 °C < T < 125 °C
15
ICC
Supply current by op-
amp
No load, T = 25 °C
1.4
mA
No load, -40 °C < T < 125 °C
2.3
AC performance
GBP
Gain bandwidth
product
RL = 10 kΩ, CL = 100 pF
16
22
MHz
Astab
Minimum gain for
stability
No sustained oscillations.
Positive gain configuration:
Vcc- < Vicm < Vcc+ + 0.1 V,
-40 °C < T < 125 °C
10
V/V
No sustained oscillations.
Negative gain configuration.
Vcc- < Vicm < Vcc+ + 0.1 V,
-40 °C < T < 125 °C
-9
TSB7191, TSB7191A, TSB7192, TSB7192A
Electrical characteristics
DS12641 - Rev 5
page 8/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com