Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB712A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB712A
Description  Precision rail-to-rail input / output 36 V, 22 MHz op-amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712A Datasheet(HTML) 1 Page - STMicroelectronics

  TSB712A Datasheet HTML 1Page - STMicroelectronics TSB712A Datasheet HTML 2Page - STMicroelectronics TSB712A Datasheet HTML 3Page - STMicroelectronics TSB712A Datasheet HTML 4Page - STMicroelectronics TSB712A Datasheet HTML 5Page - STMicroelectronics TSB712A Datasheet HTML 6Page - STMicroelectronics TSB712A Datasheet HTML 7Page - STMicroelectronics TSB712A Datasheet HTML 8Page - STMicroelectronics TSB712A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
MiniSO8
SO8
TSB7192
TSB7192A
TSB7191 and TSB7191A
SOT23-5
and
Features
Rail-to-rail input and output
Low offset voltage: 300 µV maximum
Wide supply voltage range: 2.7 V to 36 V
Gain bandwidth product: 22 MHz
Slew rate: 12 V/µs
Low noise: 12 nV/√Hz
Stable with gain +10/-9
Integrated EMI filter
2 kV HBM ESD tolerance
Extended temperature range: -40 °C to +125 °C
Automotive-grade available
Applications
High-side and low-side current sensing
Hall effect sensors
Data acquisition and instrumentation
Test and measurement equipments
Motor control
Industrial process control
Strain gauge
Description
The TSB7191, TSB7191A, TSB7192 and the TSB7192A 22 MHz bandwidth amplifier
feature rail-to-rail input and output, which is guaranteed to operate from +2.7 V to
+36 V single supply as well as from ±1.35 V to ±18 V dual supplies.
These amplifiers have the advantage of offering a large span of supply voltage and
an excellent input offset voltage of 300 µV maximum at 25 °C.
The combination of wide bandwidth, slew rate, low noise, rail-to-rail capability and
precision makes the TSB7191, TSB7191A, TSB7192 and the TSB7192A useful in a
wide variety of applications such as: filters, power supply and motor control, actuator
driving, hall effect sensors and resistive transducers.
Product status link
TSB7191, TSB7191A, TSB7192,
TSB7192A
Related products
TSB572
Dual op-amps for the low-
power consumption version
(380 µA with 2.5 MHz GBP)
TSB712
Precision rail-to-rail input /
output 36 V, 6 MHz dual op-
amps
TSB712A
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
TSB7191, TSB7191A
TSB7192, TSB7192A
Datasheet
DS12641 - Rev 5 - October 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB712A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB712A STMICROELECTRONICS-TSB712A Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB712AIDT STMICROELECTRONICS-TSB712AIDT Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB712AIST STMICROELECTRONICS-TSB712AIST Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB712AIYDT STMICROELECTRONICS-TSB712AIYDT Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB712AIYST STMICROELECTRONICS-TSB712AIYST Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
More results

Similar Description - TSB712A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com