| Electronic Components Datasheet Search |
|
VL53L5CX Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L5CX Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 38 page ![]() Contents 1 Product overview ..................................................................3 1.1 Technical specifications ......................................................... 3 1.2 Field of view ................................................................... 3 1.3 Field of illumination ............................................................. 4 1.4 System block diagram .......................................................... 5 1.5 Device pinout .................................................................. 5 1.6 Application schematic ........................................................... 7 2 Functional description .............................................................8 2.1 Software interface .............................................................. 8 2.2 Power state machine ........................................................... 8 2.3 Power up sequence ............................................................ 9 2.3.1 Power up slew.......................................................... 10 2.3.2 Power up and I2C access ................................................. 10 3 I2C control interface ..............................................................11 3.1 I2C interface - timing characteristics .............................................. 13 4 Electrical characteristics..........................................................15 4.1 Absolute maximum ratings...................................................... 15 4.2 Recommended operating conditions ............................................. 15 4.3 Electrostatic discharge (ESD) ................................................... 15 4.4 Current consumption .......................................................... 16 4.5 Digital input and output......................................................... 17 5 Ranging performance.............................................................18 5.1 Zone mapping ................................................................ 18 5.1.1 Zone mapping 4x4 ...................................................... 18 5.1.2 Zone mapping 8x8 ...................................................... 18 5.1.3 Effective zone orientation ................................................. 19 5.2 Continuous ranging mode ...................................................... 19 5.2.1 Measurement conditions .................................................. 19 5.2.2 Maximum ranging distance 4x4............................................. 20 5.2.3 Maximum ranging distance 8x8............................................. 20 5.2.4 Range accuracy - Continuous mode ......................................... 21 5.3 Autonomous ranging mode ..................................................... 22 5.3.1 Measurement conditions .................................................. 22 5.3.2 Maximum ranging distance 4x4............................................. 22 VL53L5CX Contents DS13754 - Rev 8 page 36/38 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |