Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B15LP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BZT52B15LP
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52B15LP Datasheet(HTML) 2 Page - Diodes Incorporated

  BZT52B15LP Datasheet HTML 1Page - Diodes Incorporated BZT52B15LP Datasheet HTML 2Page - Diodes Incorporated BZT52B15LP Datasheet HTML 3Page - Diodes Incorporated BZT52B15LP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZT52B15LP
Document number: DS36252 Rev. 1 - 2
2 of 4
www.diodes.com
April 2013
© Diodes Incorporated
BZT52B15LP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5) TA = +25°C
PD
250
mW
Thermal Resistance, Junction to Ambient Air
(Note 5) TA = +25°C
RθJA
500
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Type
Number
Marking
Code
Zener Voltage Range
(Note 6)
Maximum Zener
Impedance
f = 1kHz
Maximum
Reverse
Current
(Note 6)
Temperature
Coefficient
@ IZTC
mV/°C
Test
Current
IZTC
Maximum
Capacitance
(Note 7)
VZ @ IZT
IZT ZZT @ IZT ZZK @ IZK
IZK
IR
@ VR
CT
Nom (V) Min (V) Max (V) mA
mA
µA
V
Min
Max
mA
pF
BZT52B15LP
6L
15
14.70
15.30
5
15
200
1
0.05
10.5
9.2
13.0
5
100
Notes:
5. Device mounted on FR-4 PCB with minimum recommended pad layout which can be found on our website at http://www.diodes.com.
6. Short duration pulse test used to minimize self-heating effect.
7. f = 1MHz, VR = 0V, TA = +25°C.
0
50
100
0
2550
75100
125
150
T , AMBIENT TEMPERATURE (°C)
Figure 1 Power Derating Curve
A
150
200
250
300
Note 5
0.1
1
10
100
1000
200
400
600
800
1000 1200 1400 1600
V , INSTANTANEOUS FORWARD VOLTAGE(mV)
Figure 2 Typical Forward Characteristics
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com