Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF7N65M6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF7N65M6
Description  N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in a TO‑220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF7N65M6 Datasheet(HTML) 5 Page - STMicroelectronics

  STF7N65M6 Datasheet HTML 1Page - STMicroelectronics STF7N65M6 Datasheet HTML 2Page - STMicroelectronics STF7N65M6 Datasheet HTML 3Page - STMicroelectronics STF7N65M6 Datasheet HTML 4Page - STMicroelectronics STF7N65M6 Datasheet HTML 5Page - STMicroelectronics STF7N65M6 Datasheet HTML 6Page - STMicroelectronics STF7N65M6 Datasheet HTML 7Page - STMicroelectronics STF7N65M6 Datasheet HTML 8Page - STMicroelectronics STF7N65M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG130920161403SOA
10 1
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
I D
(A)
V DS (V)
TC = 25 °C
≤ 150 °C
single pulse
TJ
=10 µs
tp
=100 µs
tp
=1 ms
tp
=10 ms
tp
VGS=10 V
Operation in this area
is limited by RDS(on)
Figure 2. Thermal impedance
GC20940
10 -1
10 -2
10 -3
10 -4
10 -3
10 -2
10 -1
10 0
K
t p (s)
Figure 3. Output characteristics
GIPG290720160921OCH
8
6
4
2
0
0
2
4
6
8
10
12
I D
(A)
V DS (V)
VGS = 6 V
VGS = 4 V
VGS=5 V
Figure 4. Transfer characteristics
GIPG290720161033TCH
8
6
4
2
0
0
2
4
6
8
I D
(A)
V GS (V)
VDS =14 V
Figure 5. Gate charge vs gate-source voltage
GIPG020820160837QVG
12
10
8
6
4
2
0
600
500
400
300
200
100
0
0
1
2
3
4
5
6
7
8
VGS
(V)
VDS
(V)
Qg (nC)
VDS
VDD = 520 V
ID = 5 A
Figure 6. Static drain-source on-resistance
GIPG290720161116RID
0.97
0.95
0.93
0.91
0.89
0.87
0.85
0
1
2
3
4
5
Ω
VGS=10 V
IC (A)
STF7N65M6
Electrical characteristics (curves)
DS11822 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com