Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP30N65DM6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP30N65DM6AG
Description  Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30N65DM6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STP30N65DM6AG Datasheet HTML 1Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 2Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 3Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STP30N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG290520201145SOA
10 2
10 1
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp=10 µs
tp=1 µs
tp=100 µs
tp=1 ms
IDM
V(BR)DSS
Operation
in
this
area
is limited
by
R
DS(on)
RDS(on) max.
single pulse
TC = 25 °C
TJ ≤ 150 °C
tp=10 ms
Figure 2. Maximum transient thermal impedance
GADG290520201045ZTH
10 -1
10 -2
10 -3
10 -6
10 -5
10 -4
10 -3
10 -2
10 -1
tp (s)
Single pulse
0.05
duty=0.5
3
2
4
ton
T
duty = ton / T
RthJC = 0.56 °C/W
ZthJC
(°C/W)
Figure 3. Typical output characteristics
GADG220120200821OCH
100
80
60
40
20
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS=6 V
VGS=7 V
VGS=8 V
VGS=9, 10 V
Figure 4. Typical transfer characteristics
GADG220120200822TCH
100
80
60
40
20
0
4
5
6
7
8
9
ID
(A)
VGS (V)
VDS = 20 V
Figure 5. Typical drain-source on-resistance
GADG070620210930RID
105
104
103
102
101
100
99
0
5
10
15
20
25
RDS(on)
(mΩ)
ID (A)
VGS = 10 V
Figure 6. Typical gate charge characteristics
GADG220120200832QVG
600
500
400
300
200
100
0
12
10
8
6
4
2
0
0
10
20
30
40
50
VGS
(V)
VDS
(V)
Qg (nC)
Qg
Qgd
Qgs
VDD = 520 V
ID = 28 A
STP30N65DM6AG
Electrical characteristics
(curves)
DS13373 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com