Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP33N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP33N60M6
Description  N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP33N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP33N60M6 Datasheet HTML 1Page - STMicroelectronics STP33N60M6 Datasheet HTML 2Page - STMicroelectronics STP33N60M6 Datasheet HTML 3Page - STMicroelectronics STP33N60M6 Datasheet HTML 4Page - STMicroelectronics STP33N60M6 Datasheet HTML 5Page - STMicroelectronics STP33N60M6 Datasheet HTML 6Page - STMicroelectronics STP33N60M6 Datasheet HTML 7Page - STMicroelectronics STP33N60M6 Datasheet HTML 8Page - STMicroelectronics STP33N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STP33N60M6
600 V
125 mΩ
25 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters
•
Boost PFC converters
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status link
STP33N60M6
Product summary
Order code
STP33N60M6
Marking
33N60M6
Package
TO-220
Packing
Tube
N-channel 600 V, 105 mΩ typ., 25 A, MDmesh™ M6
Power MOSFET in a TO-220 package
STP33N60M6
Datasheet
DS12640 - Rev 2 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP33N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP33N60M2 STMICROELECTRONICS-STP33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
logo
Inchange Semiconductor ...
STP33N60M2 ISC-STP33N60M2 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP33N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STO33N60M6 STMICROELECTRONICS-STO33N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 105 mΩ typ., 25 A, MDmesh M6 Power MOSFET in a TO?멛L package
May 2021
STI33N60M6 STMICROELECTRONICS-STI33N60M6 Datasheet
430Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh M6 Power MOSFET in an I2PAK package
17-Apr-2019
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60DM6 STMICROELECTRONICS-STP33N60DM6 Datasheet
273Kb / 12P
N-channel 600 V, 115 m typ., 25 A, MDmesh™ DM6 Power MOSFET in a TO‑220 package
18-May-2020
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STW33N60M6 STMICROELECTRONICS-STW33N60M6 Datasheet
266Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-247 package
July 2018 Rev 2
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STO24N60M6 STMICROELECTRONICS-STO24N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 162 m typ., 17 A, MDmesh M6 Power MOSFET in a TO‑LL package
20-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com