Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP50N65DM6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STP50N65DM6
Description  N-channel 650 V, 74 m typ., 33 A, MDmesh DM6 Power MOSFET in a TO-220 package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP50N65DM6 Datasheet(HTML) 2 Page - STMicroelectronics

  STP50N65DM6 Datasheet HTML 1Page - STMicroelectronics STP50N65DM6 Datasheet HTML 2Page - STMicroelectronics STP50N65DM6 Datasheet HTML 3Page - STMicroelectronics STP50N65DM6 Datasheet HTML 4Page - STMicroelectronics STP50N65DM6 Datasheet HTML 5Page - STMicroelectronics STP50N65DM6 Datasheet HTML 6Page - STMicroelectronics STP50N65DM6 Datasheet HTML 7Page - STMicroelectronics STP50N65DM6 Datasheet HTML 8Page - STMicroelectronics STP50N65DM6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
33
A
ID
Drain current (continuous) at TC = 100 °C
21
A
IDM(1)
Drain current (pulsed)
120
A
PTOT
Total power dissipation at TC = 25 °C
250
W
dv/dt (2)
Peak diode recovery voltage slope
100
V/ns
di/dt (2)
Peak diode recovery current slope
1000
A/µs
dv/dt(3)
MOSFET dv/dt ruggedness
100
V/ns
Tstg
Storage temperature range
-55 to 150
°C
TJ
Operating junction temperature range
1. Pulse width limited by safe operating area
2. ISD ≤ 33 A, VDS (peak) < V(BR)DSS, VDD= 400V
3. VDS ≤ 520 V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.5
°C/W
Rthj-amb
Thermal resistance junction-amb
62.5
°C/W
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
9
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
560
mJ
STP50N65DM6
Electrical ratings
DS12360 - Rev 4
page 2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com