Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP60N043DM9 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP60N043DM9
Description  N-channel 600 V, 38 mΩ typ., 56 A MDmesh DM9 Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP60N043DM9 Datasheet(HTML) 1 Page - STMicroelectronics

  STP60N043DM9 Datasheet HTML 1Page - STMicroelectronics STP60N043DM9 Datasheet HTML 2Page - STMicroelectronics STP60N043DM9 Datasheet HTML 3Page - STMicroelectronics STP60N043DM9 Datasheet HTML 4Page - STMicroelectronics STP60N043DM9 Datasheet HTML 5Page - STMicroelectronics STP60N043DM9 Datasheet HTML 6Page - STMicroelectronics STP60N043DM9 Datasheet HTML 7Page - STMicroelectronics STP60N043DM9 Datasheet HTML 8Page - STMicroelectronics STP60N043DM9 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2
3
TO-220
TAB
AM01475v1_noZen
D(2, TAB)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STP60N043DM9
600 V
43 mΩ
56 A
•
Fast-recovery body diode
•
Worldwide best RDS(on) per area among silicon-based fast recovery devices
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
Applications
•
Power supplies and converters
•
LLC resonant converter
Description
This N-channel Power MOSFET is based on the most innovative super-junction
MDmesh DM9 technology, suitable for medium/high voltage MOSFETs featuring
very low RDS(on) per area coupled with a fast-recovery diode. The silicon-based
DM9 technology benefits from a multi-drain manufacturing process which allows
an enhanced device structure. The fast-recovery diode featuring very low recovery
charge (Qrr), time (trr) and RDS(on) makes this fast-switching super-junction Power
MOSFET tailored for the most demanding high-efficiency bridge topologies and ZVS
phase-shift converters.
Product status link
STP60N043DM9
Product summary
Order code
STP60N043DM9
Marking
60N043DM9
Package
TO-220
Packing
Tube
N-channel 600 V, 38 mΩ typ., 56 A MDmesh DM9 Power MOSFET
in a TO-220 package
STP60N043DM9
Datasheet
DS13931 - Rev 2 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP60N043DM9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60N05-14 STMICROELECTRONICS-STP60N05-14 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
logo
Inchange Semiconductor ...
STP60N05-14 ISC-STP60N05-14 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP60N06 STMICROELECTRONICS-STP60N06 Datasheet
347Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP60N06-14 STMICROELECTRONICS-STP60N06-14 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
logo
Inchange Semiconductor ...
STP60N06-14 ISC-STP60N06-14 Datasheet
318Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STP60N043DM9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STP65N045M9 STMICROELECTRONICS-STP65N045M9 Datasheet
228Kb / 12P
N-channel 650 V, 39 mΩ typ., 55 A MDmesh M9 Power MOSFET in a TO-220 package
25-May-2022
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STB33N60DM6 STMICROELECTRONICS-STB33N60DM6 Datasheet
424Kb / 14P
N-channel 600 V, 115 mΩ typ., 25 A, MDmesh DM6 Power MOSFET in a D2PAK package
02-Jul-2020
STP80N240K6 STMICROELECTRONICS-STP80N240K6_V01 Datasheet
255Kb / 13P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a TO-220 package
29-Sep-2022
STP65N150M9 STMICROELECTRONICS-STP65N150M9_V01 Datasheet
233Kb / 12P
N-channel 650 V, 128 mΩ typ., 20 A MDmesh M9 Power MOSFET in a TO-220 package
22-Feb-2023
STP80N340K6 STMICROELECTRONICS-STP80N340K6 Datasheet
292Kb / 13P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a TO-220 package
28-Sep-2022
STP80N450K6 STMICROELECTRONICS-STP80N450K6 Datasheet
270Kb / 13P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a TO-220 package
15-Sep-2022
STD7N60M6 STMICROELECTRONICS-STD7N60M6 Datasheet
384Kb / 15P
N-channel 600 V, 780 mΩ typ., 5 A, MDmesh M6 Power MOSFET in a DPAK package
28-Jul-2020
STD9N60M6 STMICROELECTRONICS-STD9N60M6 Datasheet
328Kb / 15P
N‑channel 600 V 670 mΩ typ., 6 A MDmesh M6 Power MOSFET in a DPAK package
02-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com