Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU3N65M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU3N65M6
Description  N-channel 650 V, 1.4 typ., 3.5 A MDmesh™ M6 Power MOSFET in an IPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU3N65M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STU3N65M6 Datasheet HTML 1Page - STMicroelectronics STU3N65M6 Datasheet HTML 2Page - STMicroelectronics STU3N65M6 Datasheet HTML 3Page - STMicroelectronics STU3N65M6 Datasheet HTML 4Page - STMicroelectronics STU3N65M6 Datasheet HTML 5Page - STMicroelectronics STU3N65M6 Datasheet HTML 6Page - STMicroelectronics STU3N65M6 Datasheet HTML 7Page - STMicroelectronics STU3N65M6 Datasheet HTML 8Page - STMicroelectronics STU3N65M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
3
2
1
TAB
IPAK
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on)max.
ID
STU3N65M6
650 V
1.5 Ω
3.5 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status
STU3N65M6
Product summary
Order code
STU3N65M6
Marking
3N65M6
Package
IPAK
Packing
Tube
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh™ M6
Power MOSFET in an IPAK package
STU3N65M6
Datasheet
DS11590 - Rev 2 - December 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STU3N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU3N62K3 STMICROELECTRONICS-STU3N62K3 Datasheet
567Kb / 19P
N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
10-Jul-2008
STU3N62K3 STMICROELECTRONICS-STU3N62K3 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
logo
VBsemi Electronics Co.,...
STU3N62K3 VBSEMI-STU3N62K3 Datasheet
977Kb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
STU3N62K3 ISC-STU3N62K3 Datasheet
317Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STU3N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU9HN65M2 STMICROELECTRONICS-STU9HN65M2 Datasheet
417Kb / 12P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in an IPAK package
23-Apr-2015
STI24N60M6 STMICROELECTRONICS-STI24N60M6 Datasheet
252Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in an I²PAK package
01-Aug-2018
STI33N60M6 STMICROELECTRONICS-STI33N60M6 Datasheet
430Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh M6 Power MOSFET in an I2PAK package
17-Apr-2019
STU5N65M6 STMICROELECTRONICS-STU5N65M6 Datasheet
688Kb / 12P
N-channel 650 V, 1.15 typ., 4 A MDmesh™ M6 Power MOSFET in an IPAK package
May 2016 Rev 2
STU7N65M6 STMICROELECTRONICS-STU7N65M6 Datasheet
458Kb / 13P
N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in an IPAK package
October 2018 Rev 3
STL16N60M6 STMICROELECTRONICS-STL16N60M6 Datasheet
887Kb / 15P
N-channel 600 V, 0.30 typ., 8 A MDmesh™ M6 Power MOSFET in a PowerFLAT™ 5x6 HV package
03-Apr-2017
STB22N60M6 STMICROELECTRONICS-STB22N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
16-Nov-2018
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com