Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX4080D Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPX4080D
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX4080D Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPX4080D Datasheet HTML 1Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 2Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX4080D Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPX4080D
Sensors
Freescale Semiconductor
3
ON-CHIP TEMPERATURE COMPENSATION, CALIBRATION AND SIGNAL CONDITIONING
Figure 2 shows the sensor output signal relative to
differential pressure input. Typical, minimum, and maximum
output curves are shown for operation over a temperature
range of 0
° to 85°C using the decoupling circuit shown in
Figure 4. The output will saturate outside of the specified
pressure range.
Figure 2. Output versus Pressure Differential
Figure 3. Cross-Sectional Diagrams (Not to Scale)
Figure 3 illustrates the differential sensing chip in the basic
chip carrier (Case 867). A fluorosilicone gel isolates the die
surface and wire bonds from the environment, while allowing
the pressure signal to be transmitted to the sensor
diaphragm.
The MPX4080D pressure sensor operating
characteristics, internal reliability, and qualification tests are
based on use of dry air as the pressure media. Media, other
than dry air, may have adverse effects on sensor
performance and long-term reliability. Contact the factory for
information regarding media compatibility in your application.
Figure 4 shows the recommended decoupling circuit for
interfacing the output of the integrated sensor to the A/D input
of a microprocessor or microcontroller. Proper decoupling of
the power supply is recommended.
Figure 4. Recommended Power Supply Decoupling and Output Filter
(For additional output filtering information, refer to Application Note AN1646.)
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
TYP
MAX
MIN
Offset
(TYP)
010
40
60
80
kPa
PSI
20
30
50
70
VS = 5.1 Vdc
TA = 25°C
MPX4080
5
Pressure (kPa)
Lead Frame
Wire Bond
Die
Fluoro Silicone
Gel Die Coat
Differential/Gauge
Bond
Die
Epoxy Plastic
Case
Stainless Steel
Metal Cover
Element
Vs
1.0 µF
470 pF
OUTPUT
+5.0 V
0.01 µF
GND
Vout
IPS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com