Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC738EAASP Datasheet(PDF) 1 Page - Picker Components

Part # PC738EAASP
Description  Two Pole Heavy Duty Power Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC738EAASP Datasheet(HTML) 1 Page - Picker Components

  PC738EAASP Datasheet HTML 1Page - Picker Components PC738EAASP Datasheet HTML 2Page - Picker Components PC738EAASP Datasheet HTML 3Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Two Pole Heavy Duty Power Relay
FEATURES
Two poles of heavy duty switching
Up to 30 amp switching capacity
Meets 8mm creepage distance
Up to 2.5 horsepower rating
4KV dielectric
UL Class F insulation standard
PC738
Dust cover or sealed version available
Load Type
General Purpose
Resistive
Motor
LRA/FLA
Voltage
120 VAC
277 VAC
28 VDC
250 VAC
120 VAC
240 VAC
120 VAC
2 Form A
30 A
30 A
20 A
2.5 HP
1 HP
110 A/25.3 A
2 Form C (DPDT)
NO
NC
30 A
3 A
30 A
3 A
20 A
3 A
2.5 HP
1 HP
UL/CUR RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
50 milliohms max @ 1A, 6VDC
5 X 106
1 X 105
CHARACTERISTICS
Operate Time
15 ms. typical
Release Time
Insulation Resistance
10 ms. typical
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
4000 Vrms, 1 min. between coil and contacts
1500 Vrms, 1 min. between open contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.65mm, 10-55 Hz
Power Consumption
DC coil 1.7W, AC coil 4 VA
Ambient Temperature Range
DC coil: -55 to 85 C, AC coil: -55 to 65 C operating, -40 to 130 C storage
Weight
86 grams approx.
120 VAC
240 VAC
30 A
30 A
30 A
30 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
QC or PCB terminals
(DPST-NO)
(locked rotor amps/full load amps)
PC738 Rev B 3-25-04
File # E93379
3 A
3 A
Tungsten
240 VAC
120 VAC
110 A/25.3 A
TV 10
TV 10
110 A/25.3 A
110 A/25.3 A
TV 10
TV 10
2000 Vrms, 1 min. between contact poles
PAGE 1


Similar Part No. - PC738EAASP

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C PICKER-PC7311C-12C Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C1 PICKER-PC7311C-12C1 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
More results

Similar Description - PC738EAASP

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC739 PICKER-PC739 Datasheet
310Kb / 4P
Heavy Duty Power Relay
logo
DB Lectro Inc
HG4236 DBLECTRO-HG4236 Datasheet
54Kb / 2P
Two Pole Heavy Duty PCB / QC Power Relay
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
HEAVY DUTY POWER RELAY
33H OENINDIA-33H Datasheet
1Mb / 1P
HEAVY DUTY POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
logo
Omron Electronics LLC
MGN OMRON-MGN Datasheet
414Kb / 6P
Heavy Duty Power Relay
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
HEAVY DUTY POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
HEAVY-DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
HEAVY DUTY POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com