Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24232103 Datasheet(PDF) 14 Page - Toshiba Semiconductor

Part # 24232103
Description  Color Television
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

24232103 Datasheet(HTML) 14 Page - Toshiba Semiconductor

Back Button 24232103 Datasheet HTML 10Page - Toshiba Semiconductor 24232103 Datasheet HTML 11Page - Toshiba Semiconductor 24232103 Datasheet HTML 12Page - Toshiba Semiconductor 24232103 Datasheet HTML 13Page - Toshiba Semiconductor 24232103 Datasheet HTML 14Page - Toshiba Semiconductor 24232103 Datasheet HTML 15Page - Toshiba Semiconductor 24232103 Datasheet HTML 16Page - Toshiba Semiconductor 24232103 Datasheet HTML 17Page - Toshiba Semiconductor 24232103 Datasheet HTML 18Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
- 14 -
ADDING CHANNELS TO THE TV’S MEMORY
Programming channels automatically
Your TV can automatically detect all active channels in your
area and store them in its memory. After the channels are
stored automatically, you can manually add or erase individual
channels .
To program channels automatically:
Press MENU, and then press
or
until the SET UP
menu appears.
Press
or
until the TV/CABLE is highlighted, and then
press ENTER to display the pull-down menu.
Press
or
to highlight either TV or CABLE, depending
on which you use. If you use an antenna, highlight TV; if
you use cable, highlight CABLE.
Press ENTER.
Press
to select CH PROGRAM.
Press ENTER to start channel programming. The TV will
automatically cycle through all the TV or Cable channels
(depending on which you selected), and store all active
channels in the channel memory.
While the TV is cycling through the channels, the mes-
sage “Programming Now”-Please Wait” appears.
When channel programming is complete,the message
“Completed” appears.
Press Channel
or
to view the programmed channels.
When you press Channel
or
, your TV will stop only on the channels stored in the TV’s channel memory.
Follow the steps below and on the next page to program all active channels into the TV’s memory.
Adding and erasing channels manually
After you have programmed the channels automatically, you
can manually add or erase specific channels.
To add or erase channels:
Select the channel you want to add or erase. If you are
adding a channel, you must select the channel using the
Channel Number buttons.
Press MENU, and then press
or
until the SET UP
menu appears.
Press
or
to highlight ADD/ERASE, and then press
ENTER to display the pull-down menu.
Press
or
to select ADD or ERASE, depending on the
function you want to perform.
Repeat steps 1-4 for other channels you want to add or
erase.
1
2
3
4
5
6
7
8
1
2
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com