Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC822 Datasheet(PDF) 1 Page - Picker Components

Part # PC822
Description  Miniature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC822 Datasheet(HTML) 1 Page - Picker Components

  PC822 Datasheet HTML 1Page - Picker Components PC822 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Miniature Automotive PCB Power Relay
FEATURES
Miniature design
1 A, 1 B and 1 C contact forms available
45 Amps continuous carrying capacity
Contact switching capacity up to 100 Amps
Up to 125 degrees C operating temperature
Both US and European footprints available
PC822
Max. Switching Voltage
16 VDC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
5 ms. typical
Release Time
Insulation Resistance
3 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
500 Vrms, 1 min. between coil and contacts
Shock Resistance
20 g, 11ms, functional; 200 g, destructive
Vibration Resistance
DA 1.5 mm, 20 - 200 Hz functional
Power Consumption
1.5 W approx.
Ambient Temperature Range
-40 to 125 degrees C operating, -40 to 155 storage
Weight
Open: 18 grams; Enclosed: 23 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC822 Rev B 4-13-04
PAGE 1
ORDERING INFORMATION
Example:
PC822
Model
-1C
Open frame, Sealed or Dust cover available
Contact Form
Contact Material
-12
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
2 X 10 5
Operations
Operations
Normally Open
Nil: AgNiO 15; C: AgCdO; T: AgSnOInO
Coil Voltage
S
Contact Form
Max Switching Current
Break 60 Amps
Make 100 Amps
45 Amps
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.5 A @ 12 VDC
Nil: Open Frame; S: Sealed; C: Dust Cover
Enclosure
-A
Drop Resistance
1 Meter height drop on concrete in final enclosure
1A, 1B or 1C
Normally Closed
Break 30 Amps
Make 30 Amps
16 VDC
30 Amps
Footprint
A: US; E: European
T


Similar Part No. - PC822

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
PC822 PICKER-PC822_17 Datasheet
728Kb / 2P
45 Amp Miniature Automotive PCB Power Relay
More results

Similar Description - PC822

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4119 ETC1-HG4119 Datasheet
169Kb / 2P
Automotive Miniature PCB Power Relay
logo
DB Lectro Inc
HG4234A DBLECTRO-HG4234A Datasheet
49Kb / 2P
Automotive Miniature PCB Power Relay
HG4504 DBLECTRO-HG4504 Datasheet
50Kb / 2P
Automotive Miniature PCB Power Relay
logo
Picker Components
PC822A PICKER-PC822A Datasheet
179Kb / 2P
Miniature Automotive PCB Power Relay
logo
Willow Technologies Ltd
DG29 WILLOW-DG29 Datasheet
248Kb / 2P
miniature automotive pcb power relay
DG31A WILLOW-DG31A Datasheet
310Kb / 2P
miniature automotive pcb power relay
logo
Sanyou Corporation Limi...
SARA SANYOU-SARA Datasheet
88Kb / 3P
Miniature PCB Automotive Relay
SARDN SANYOU-SARDN Datasheet
176Kb / 3P
Miniature PCB Automotive Relay
SARG SANYOU-SARG Datasheet
212Kb / 3P
Miniature PCB Automotive Relay
SARM SANYOU-SARM Datasheet
190Kb / 3P
Miniature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com