Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2655 Datasheet(PDF) 22 Page - Toshiba Semiconductor

Part # 2SC2655
Description  COLOR TELEVISION
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2655 Datasheet(HTML) 22 Page - Toshiba Semiconductor

Back Button 2SC2655 Datasheet HTML 18Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 19Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 20Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 21Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 22Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 23Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 24Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 25Page - Toshiba Semiconductor 2SC2655 Datasheet HTML 26Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
– 22 –
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
Location
Location
Location
Location
Location
Parts No.
Parts No.
Parts No.
Parts No.
Parts No.
Description
Description
Description
Description
Description
No.
No.
No.
No.
No.
CB01
24794470
ELECTORLYTIC CE04G 16V 47UF M
CB05
24666100
ELECTROLYTIC, 10V 10UF M 3A
CB13
24085970
ELEC. NONPOLAR CE04J 16V 10UF M
7L NP
CB14
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CB15
24794100
ELECTROLYTIC CE04G 16V 10UF M
CB40
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CB41
24109102
CERAMIC CHIP CK73B 50V 1000PF K
CB42
24105561
CERAMIC CHIP CC73CH 50V 560PF J
CB43
24109122
CERAMIC CHIP CC73B 50V 1200PF K
CB44
24797100
ELECTROLYTIC CE04G 50V 10UF M
CB90
24100103
CERAMIC CHIP CK73F 50V 10000PF Z
CD01
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD02
24539104
PLASTIC FILM, 50V 0.1UF J
CD03
24590472
PLASTIC FILM CQ922M 50V 4700PF J
CD04
24797479
ELECTROLYTIC CE04G 50V 4.7UF M
CD05
24797479
ELECTROLYTIC CE04G 50V 4.7UF M
CD06
24797479
ELECTROLYTIC CE04G 50V 4.7UF M
CD07
24797479
ELECTROLYTIC CE04G 50V 4.7UF M
CD08
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD09
24797220
ELECTROLYTIC CE04G 50V 22UF M
CD10
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD11
24539104
PLASTIC FILM, 50V 0.1UF J
CD12
24539224
PLASTIC FILM, 50V 0.22 UF J
CD13
24794470
ELECTORLYTIC CE04G 16V 47UF M
CD14
24590472
PLASTIC FILM CQ922M 50V 4700PF J
CD15
24539104
PLASTIC FILM, 50V 0.1UF J
CD17
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD18
24794221
ELECTROIYTIC CE04G 16V 220UF M
CD41
24503041
MT PLA CAP 63V 0.1UF J
CD42
24590103
PLASTIC FILM, 50V 0.01MF J
CD43
24503041
MT PLA CAP 63V 0.1UF J
CD44
24503041
MT PLA CAP 63V 0.1UF J
CD45
24539184
PLASTIC FILM CF922 50V 0.18UF
CD46
24539184
PLASTIC FILM CF922 50V 0.18UF
CD47
24539334
PLASTIC FILM, 50V 0.33UF J
CD48
24539334
PLASTIC FILM, 50V 0.33UF J
CD49
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD60
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD61
24567333
PLASTIC FILM CF92 M 50V 33000PF J
CD62
24590103
PLASTIC FILM, 50V 0.01MF J
CD63
24539474
MT PLA CAP M 50V 474J MUL
CD64
24539334
PLASTIC FILM, 50V 0.33UF J
CD65
24436221
CERAMIC DISC CC45 SL 50V 220PF J
CD70
24794221
ELECTROIYTIC CE04G 16V 220UF M
CD73
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD74
24794221
ELECTROIYTIC CE04G 16V 220UF M
CD75
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD76
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD77
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD79
24797220
ELECTROLYTIC CE04G 50V 22UF M
CD80
24797220
ELECTROLYTIC CE04G 50V 22UF M
CD81
24503041
MT PLA CAP 63V 0.1UF J
CD82
24503041
MT PLA CAP 63V 0.1UF J
CD83
24503041
MT PLA CAP 63V 0.1UF J
CD84
24503041
MT PLA CAP 63V 0.1UF J
CD85
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD86
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD87
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD88
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD103
24797220
ELECTROLYTIC CE04G 50V 22UF M
CD104
24590102
PLASTIC FILM, 50V 1000PF J
CD105
24539124
PLASTEC FILM, 50V 0.12UF J
CD106
24539104
PLASTIC FILM, 50V 0.1UF J
CD107
24539563
MT PLA CAP M 50V 563J MUL
CD108
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD109
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD110
24590103
PLASTIC FILM, 50V 0.01MF J
CD111
24797100
ELECTROLYTIC CE04G 50V 10UF M
CD113
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD114
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD115
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD116
24590103
PLASTIC FILM, 50V 0.01MF J
CD117
24590103
PLASTIC FILM, 50V 0.01MF J
CD118
24567273
PLASTIC FILM CF92 M 50V 27000PF J
CD120
24794221
ELECTROIYTIC CE04G 16V 220UF M
CD121
24590822
PLASTIC FILM, 50V 8200PF J
CD123
24797220
ELECTROLYTIC CE04G 50V 22UF M
CD124
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CD125
24567273
PLASTIC FILM CF92 M 50V 27000PF J
CD126
24590822
PLASTIC FILM, 50V 8200PF J
CD128
24797220
ELECTROLYTIC CE04G 50V 22UF M
CR12
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CR13
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CR14
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CR90
24100104
CERAMIC CHIP CK73F 25V 100000PF Z
CS03
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CS04
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS07
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CS08
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS09
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS10
24797229
ELECTROLYTIC, 50V 2.2UF M
CS11
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS12
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CS13
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS14
24105221
CERAMIC CHIP CC73CH 50V 220PF J
CS15
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS16
24797229
ELECTROLYTIC, 50V 2.2UF M
CS21
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CS22
24105101
CERAMIC CHIP CC73CH 50V 100PF J
CS24
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS25
24797229
ELECTROLYTIC, 50V 2.2UF M
CS28
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS29
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS30
24797229
ELECTROLYTIC, 50V 2.2UF M
CS32
24794100
ELECTROLYTIC CE04G 16V 10UF M
CS33
24794100
ELECTROLYTIC CE04G 16V 10UF M
CS34
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS35
24797229
ELECTROLYTIC, 50V 2.2UF M
CS36
24797229
ELECTROLYTIC, 50V 2.2UF M
CS51
24797229
ELECTROLYTIC, 50V 2.2UF M
CS52
24797229
ELECTROLYTIC, 50V 2.2UF M
CS53
24797229
ELECTROLYTIC, 50V 2.2UF M
CS54
24797229
ELECTROLYTIC, 50V 2.2UF M
CS55
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS56
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS57
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS58
24105331
CERAMIC CHIP CC73CH 50V 330pF J
CS60
24503041
MT PLA CAP 63V 0.1UF J
CS115
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS116
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS118
24794470
ELECTORLYTIC CE04G 16V 47UF M
CS119
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS120
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS121
24797010
ELECTROLYTIC CE04G 50V 1.0UF M
CS122
24797101
ELECTROLYTIC CE04G 50V 100UF M
CS123
24797470
ELECTROLYTIC, 50V 47UF M
CS124
24797229
ELECTROLYTIC, 50V 2.2UF M
CS125
24590103
PLASTIC FILM, 50V 0.01MF J
CS652
24794220
ELECTROLYTIC CE04G 16V 22UF M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com