Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC7392XAMFTP Datasheet(PDF) 1 Page - Picker Components

Part # PC7392XAMFTP
Description  Heavy Duty Power Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC7392XAMFTP Datasheet(HTML) 1 Page - Picker Components

  PC7392XAMFTP Datasheet HTML 1Page - Picker Components PC7392XAMFTP Datasheet HTML 2Page - Picker Components PC7392XAMFTP Datasheet HTML 3Page - Picker Components PC7392XAMFTP Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Heavy Duty Power Relay
FEATURES
Double make, double break contacts
30 amp switching capacity
Quick connect, PC or Screw terminals
Up to 3 horsepower rating
True Miniature Contactor
UL Class F (155 degrees C) insulation available
PC739
Meets UL 873 and UL 508 spacing
Load Type
General Purpose
Resistive
Motor
LRA/FLA
Voltage
120 VAC
30 VDC
277 VAC
125 VAC
277 VAC
125 VAC
All Contacts
30 A
30 A
3 HP
1.5 HP
60 A / 14.1 A
86 A / 20 A
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide)
AgSnO (Silver Tin Oxide)
50 milliohms max @ 0.1A, 6VDC
5 X 10 6
1 X 10 5
CHARACTERISTICS
Operate Time
30 ms. max.
Release Time
Insulation Resistance
30 ms. max.
1,000 megohms min, at 500VDC, 50%RH
Dielectric Strength
2000 Vrms, 1 min. between adjacent contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
DC coil 1.9W approx., AC coil 1.7 to 2.7 VA
Ambient Temperature Range
-55 degrees C to 70 degrees C operating, -40 to 130 degrees C storage
Weight
90 grams approx.
277 VAC
125 VAC
30 A
30 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sealed version available
All Forms
(locked rotor amps/full load amps)
PC739 Rev D 5-6-2005
250 VAC
30 A
Tungsten
125 VAC
TV 10
4000 Vrms, 1 min. between coil and contacts
2000 Vrms, 1 min. between open contacts
PAGE 1
File # E93379


Similar Part No. - PC7392XAMFTP

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC730 PICKER-PC730 Datasheet
207Kb / 3P
30 Amp Power Relay
PC730 PICKER-PC730_16 Datasheet
626Kb / 3P
30 Amp Power Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C PICKER-PC7311C-12C Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
PC7311C-12C1 PICKER-PC7311C-12C1 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
More results

Similar Description - PC7392XAMFTP

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
31H OENINDIA-31H Datasheet
301Kb / 1P
HEAVY DUTY POWER RELAY
63D-12-1AE OENINDIA-63D-12-1AE Datasheet
77Kb / 1P
HEAVY DUTY POWER RELAY
33H OENINDIA-33H Datasheet
1Mb / 1P
HEAVY DUTY POWER RELAY
35HA1A-6X OENINDIA-35HA1A-6X Datasheet
101Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
35HT-1A-12Z-13 OENINDIA-35HT-1A-12Z-13 Datasheet
133Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
logo
Omron Electronics LLC
MGN OMRON-MGN Datasheet
414Kb / 6P
Heavy Duty Power Relay
logo
OEN India Limited
OEN53H OENINDIA-OEN53H Datasheet
462Kb / 2P
HEAVY DUTY POWER RELAY
OEN54 OENINDIA-OEN54 Datasheet
488Kb / 2P
HEAVY DUTY AUTOMOTIVE POWER RELAY
OEN62 OENINDIA-OEN62 Datasheet
338Kb / 1P
HEAVY-DUTY POWER RELAY
OEN63 OENINDIA-OEN63 Datasheet
326Kb / 1P
HEAVY DUTY POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com